Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1610ARMZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP1610ARMZ-R7
Description  1.2 MHz DC-DC Step-Up Switching Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1610ARMZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP1610ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADP1610
Rev. 0 | Page 14 of 16
DC-DC STEP-UP SWITCHING CONVERTER WITH
TRUE SHUTDOWN
Some battery-powered applications require very low standby
current. The ADP1610 typically consumes 10 nA from the
input, which makes it suitable for these applications. However,
the output is connected to the input through the inductor and
the rectifying diode, allowing load current draw from the input
while shut down. The circuit in Figure 28 enables the ADP1610
to achieve output load disconnect at shutdown. To shut down
the ADP1610 and disconnect the output from the input, drive
the SD pin below 0.4 V.
IN
SD
SS
RT
SW
FB
COMP
CSS
22nF
GND
L
4.7
µH
D1
ADP1610
5
6
3
2
7
8
1
4
CIN
10
µF
B
Q1
A
Q1
FDC6331
CCOMP
150pF
RCOMP
220k
Ω
COUT
10
µF
R1
71.3k
Ω
OFF
R2
10k
Ω
R3
10k
Ω
3.3V
10V
Figure 28. Step-Up Regulator with True Shutdown
TFT LCD BIAS SUPPLY
Figure 29 shows a power supply circuit for TFT LCD module
applications. This circuit has +10 V, −5 V, and +22 V outputs.
The +10 V is generated in the step-up configuration. The −5 V
and +22 V are generated by the charge-pump circuit. During the
step-up operation, the SW node switches between 10 V and
ground (neglecting forward drop of the diode and on resistance
of the switch). When the SW node is high, C5 charges up to
10 V. C5 holds its charge and forward-biases D8 to charge C6
to −10 V. The Zener diode, D9, clamps and regulates the output
to −5 V.
The VGH output is generated in a similar manner by the
charge-pump capacitors, C1, C2, and C4. The output
voltage is tripled and regulated down to 22 V by the
Zener diode, D5.
IN
SD
SS
RT
SW
ON
FB
COMP
CSS
22nF
GND
L
4.7
µH
D1
D2
D3
BAV99
BAV99
BZT52C22
BZT52C5VIS
BAV99
ADP1610
5
6
3
2
7
8
1
4
C1
10nF
CIN
10
µF
CCOMP
150pF
RCOMP
220k
Ω
COUT
10
µF
C2
1
µF
C3
10
µF
R1
71.3k
Ω
R2
10k
Ω
D5
D9
3.3V
VGL
–5V
VGH
22V
10V
D5
D4
D8
D7
C4
10nF
R3
200
Ω
C5
10nF
C6
10
µF
R4
200
Ω
Figure 29. TFT LCD Bias Supply
SEPIC POWER SUPPLY
The circuit in Figure 30 shows the ADP1610 in a single-ended
primary inductance converter (SEPIC) topology. This topology
is useful for an unregulated input voltage, such as a battery-
powered application in which the input voltage can vary
between 2.7 V to 5 V, and the regulated output voltage falls
within the input voltage range.
The input and the output are dc-isolated by a coupling capaci-
tor, C1. In steady state, the average voltage of C1 is the input
voltage. When the ADP1610 switch turns on and the diode
turns off, the input voltage provides energy to L1, and C1
provides energy to L2. When the ADP1610 switch turns off and
the diode turns on, the energy in L1 and L2 is released to charge
the output capacitor, COUT, and the coupling capacitor, C1, and
to supply current to the load.
2.5V–5.5V
3.3V
IN
SD
SS
RT
SW
ON
FB
COMP
CSS
22nF
GND
L1
4.7
µH
4.7
µH
L2
ADP1610
5
6
3
2
7
8
1
4
CIN
10
µF
CCOMP
1nF
RCOMP
60k
Ω
COUT
10
µF
C1
10
µF
R1
16.8k
Ω
R2
10k
Ω
Figure 30. 3.3 V DC-DC Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com