Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1610ARMZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1610ARMZ-R7
Description  1.2 MHz DC-DC Step-Up Switching Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1610ARMZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1610ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADP1610
Rev. 0 | Page 15 of 16
LAYOUT PROCEDURE
To get high efficiency, good regulation, and stability, a well-
designed printed circuit board layout is required. Where
possible, use the sample application board layout as a model.
Follow these guidelines when designing printed circuit boards
(see Figure 1):
•
Keep the low ESR input capacitor, CIN, close to IN and
GND.
•
Keep the high current path from CIN through the inductor
L1 to SW and PGND as short as possible.
•
Keep the high current path from CIN through L1, the
rectifier D1, and the output capacitor COUT as short as
possible.
•
Keep high current traces as short and as wide as possible.
•
Place the feedback resistors as close to the FB pin as
possible to prevent noise pickup.
•
Place the compensation components as close as possible to
COMP.
•
Avoid routing high impedance traces near any node
connected to SW or near the inductor to prevent radiated
noise injection.
Figure 31. Sample Application Board (Bottom Layer)
Figure 32. Sample Application Board (Top Layer)
Figure 33. Sample Application Board (Silkscreen Layer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com