Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1610ARMZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1610ARMZ-R7
Description  1.2 MHz DC-DC Step-Up Switching Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1610ARMZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1610ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADP1610
Rev. 0 | Page 8 of 16
AMBIENT TEMPERATURE (
°C)
1.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
0.4
–40
–15
10
35
60
85
FSW = 700kHz
VFB = 1V
VIN = 2.5V
VIN = 5.5V
VIN = 3.3V
Figure 16. Supply Current vs. Ambient Temperature
TEMPERATURE (
°C)
3.5
3.0
2.0
2.5
0.5
1.0
1.5
0
–40
15
70
125
VIN = 3.3V
SD = 0.4V
Figure 17. Supply Current in Shutdown vs. Ambient Temperature
CH1 10.0mV
Ω CH2 5.00V
M400ns
A CH2
10.0V
1
2
T
136.000ns
VIN = 3.3V
VOUT = 10V
ILOAD = 200mA
FSW = 700kHz
L = 10
µH
CH1 = IL 500mA/DIV
CH2 = VSW 5V/DIV
Figure 18. Switching Waveform in Continuous Conduction
CH1 10.0mV
Ω CH2 5.00V
M400ns
A CH2
10.0V
1
2
T
136.000ns
VIN = 3.3V
VOUT = 10V
ILOAD = 20mA
FSW = 700kHz
L = 10
µH
CH1 = IL 200mA/DIV
CH2 = VSW 5V/DIV
Figure 19. Switching Waveform in Discontinuous Conduction
CH1 200mV
CH2 10.0mV
Ω M200µs
A CH2
7.60mV
1
2
VIN = 3.3V, VOUT = 10V
COUT = 10µF, L = 10µH, RC = 130Ω
CC = 270pF, FSW = 700kHz
CH1 = VOUT, 200mV/DIV
CH2 = IOUT, 200mA/DIV
Figure 20. Load Transient Response, 700 kHz , VOUT = 10 V
CH1 200mV
CH2 10.0mV
Ω M200µs
A CH2
7.60mV
1
2
VIN = 3.3V, VOUT = 10V
COUT = 10µF, L = 4.7µH, RC = 220kΩ
CC = 150pF, FSW = 1.2MHz
CH1 = VOUT, 200mV/DIV
CH2 = IOUT, 200mA/DIV
Figure 21. Load Transient Response, 1.2 MHz, VOUT = 10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com