Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1610ARMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1610ARMZ-R7
Description  1.2 MHz DC-DC Step-Up Switching Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1610ARMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1610ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.2 MHz DC-DC Step-Up Switching Converter
ADP1610
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Fully integrated 1.2 A , 0.2 Ω, power switch
Pin-selectable 700 kHz or 1.2 MHz PWM frequency
92% efficiency
Adjustable output voltage up to 12 V
3% output regulation accuracy
Adjustable soft start
Input undervoltage lockout
MSOP 8-lead package
APPLICATIONS
TFT LC bias supplies
Portable applications
Industrial/instrumentation equipment
GENERAL DESCRIPTION
The ADP1610 is a dc-to-dc step-up switching converter with an
integrated 1.2 A, 0.2 Ω power switch capable of providing an
output voltage as high as 12 V. With a package height of less that
1.1 mm, the ADP1610 is optimal for space-constrained
applications such as portable devices or thin film transistor
(TFT) liquid crystal displays (LCDs).
The ADP1610 operates in pulse-width modulation (PWM)
current mode with up to 92% efficiency. Adjustable soft start
prevents inrush currents at startup. The pin-selectable switching
frequency and PWM current-mode architecture allow excellent
transient response, easy noise filtering, and the use of small,
cost-saving external inductors and capacitors.
The ADP1610 is offered in the Pb-free 8-lead MSOP and
operates over the temperature range of −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
REF
RAMP
GEN
RT
DRIVER
CURRENT
SENSE
AMPLIFIER
COMP
SW
FB
IN
COMPARATOR
ERROR
AMP
GND
BIAS
gm
SD
OSC
ADP1610
Q
S
R
F/F
2
7
3
5
4
1
6
8
SOFT START
SS
Figure 1.


Similar Part No. - ADP1610ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1610 AD-ADP1610 Datasheet
819Kb / 32P
Constant-Frequency, Current-Mode Step-Up DC/DC Controller
12/06-Rev. 0 to Rev. A
ADP1610 AD-ADP1610_15 Datasheet
868Kb / 20P
1.2 MHz DC-to-DC Step-Up Switching Converter
REV. A
More results

Similar Description - ADP1610ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1611 AD-ADP1611 Datasheet
743Kb / 20P
20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
2/05-Revision 0
logo
Texas Instruments
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
logo
Analog Devices
ADP1610 AD-ADP1610_15 Datasheet
868Kb / 20P
1.2 MHz DC-to-DC Step-Up Switching Converter
REV. A
ADP1611 AD-ADP1611_15 Datasheet
751Kb / 20P
20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
REV. 0
logo
Texas Instruments
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com