Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1610ARMZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1610ARMZ-R7
Description  1.2 MHz DC-DC Step-Up Switching Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1610ARMZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1610ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADP1610
Rev. 0 | Page 9 of 16
CH1 10.0mV
Ω CH2 2.00V
M100
µs
A CH2
680mV
4
2
3
1
CH3 10.0V
CH4 10.00V
T
414.800
µs
VIN = 3.3V
VOUT = 10V
IOUT = 0.2A
CSS = 0nF
CH1 = IL 1A/DIV
CH2 = VIN
CH3 = VOUT
CH4 = SW,FSW = 700kHz
Figure 22. Start-Up Response from VIN, SS = 0 nF
CH1 10.0mV
Ω CH2 2.00V
M100
µs
A CH2
680mV
4
2
3
1
CH3 10.0V
CH4 10.00V
T
414.800
µs
VIN = 3.3V
VOUT = 10V
IOUT = 0.2A
CSS = 10nF
CH1 = IL 1A/DIV
CH2 = VIN
CH3 = VOUT
CH4 = SW,FSW = 700kHz
Figure 23. Start-Up Response from VIN, SS = 10 nF
CH1 10.0mV
Ω CH2 2.00V
M100
µs
A CH2
1.72V
4
2
3
1
CH3 10.0V
CH4 10.00V
T
405.600
µs
VIN = 3.3V
VOUT = 10V
IOUT = 0.2A
CSS = 0nF
CH1 = IL 1A/DIV
CH2 = VIN
CH3 = VOUT
CH4 = SW,FSW = 700kHz
Figure 24. Start-Up Response from Shutdown, SS = 0 nF
CH1 10.0mV
Ω CH2 2.00V
M100
µs
A CH2
1.72V
4
2
3
1
CH3 10.0V
CH4 10.00V
T
405.600
µs
IOUT = 0.2A
VIN = 3.3V
VOUT = 10V
CSS = 10nF
CH1 = IL 1A/DIV
CH2 = SD
CH3 = VOUT
CH4 = SW,FSW = 700kHz
Figure 25. Start-Up Response from Shutdown, SS = 10 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com