Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1610ARMZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP1610ARMZ-R7
Description  1.2 MHz DC-DC Step-Up Switching Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1610ARMZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP1610ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP1610ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADP1610
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VIN = 3.3 V, TA = −40°C to +85°C, unless otherwise noted.
All limits at temperature extremes are guaranteed by correlation and characterization using standard statistical quality control (SQC),
unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLY
Input Voltage
VIN
2.5
5.5
V
Quiescent Current
Nonswitching State
IQ
VFB = 1.3 V, RT = VIN
390
600
µA
Shutdown
I
QSD
V
SD = 0 V
0.01
10
µA
Switching State1
IQSW
fSW = 1.23 MHz, no load
1
2
mA
OUTPUT
Output Voltage
VOUT
VIN
12
V
Load Regulation
ILOAD = 10 mA to 150 mA, VOUT = 10 V
0.05
mV/mA
Overall Regulation
Line, load, temperature
±3
%
REFERENCE
Feedback Voltage
VFB
1.212
1.230
1.248
V
Line Regulation
VIN = 2.5 V to 5.5 V
−0.15
+0.15
%/V
ERROR AMPLIFIER
Transconductance
gm
∆I = 1 µA
100
µA/V
Voltage Gain
AV
60
dB
FB Input Bias Current
VFB = 1.23 V
10
nA
SWITCH
SW On Resistance
RON
ISW = 1.0 A
200
400
mΩ
SW Leakage Current
VSW = 12 V
0.01
20
µA
Peak Current Limit2
ICLSET
2.0
A
OSCILLATOR
Oscillator Frequency
fOSC
RT = GND
0.49
0.7
0.885
MHz
RT = IN
0.89
1.23
1.6
MHz
Maximum Duty Cycle
DMAX
COMP = open, VFB = 1 V, RT = GND
78
83
90
%
SHUTDOWN
Shutdown Input Voltage Low
VIL
Nonswitching state
0.6
V
Shutdown Input Voltage High
VIH
Switching state
2.2
V
Shutdown Input Bias Current
I
SD
V
SD = 3.3 V
0.01
1
µA
SOFT START
SS Charging Current
VSS = 0 V
3
µA
UNDERVOLTAGE LOCKOUT3
UVLO Threshold
VIN rising
2.2
2.4
2.5
V
UVLO Hysteresis
220
mV
1 This parameter specifies the average current while switching internally and with SW (Pin 5) floating.
2 Guaranteed by design and not fully production tested.
3 Guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com