Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6830 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATA6830
Description  INTELLIGENT STEPPER MOTOR DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6830 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATA6830 Datasheet HTML 4Page - ATMEL Corporation ATA6830 Datasheet HTML 5Page - ATMEL Corporation ATA6830 Datasheet HTML 6Page - ATMEL Corporation ATA6830 Datasheet HTML 7Page - ATMEL Corporation ATA6830 Datasheet HTML 8Page - ATMEL Corporation ATA6830 Datasheet HTML 9Page - ATMEL Corporation ATA6830 Datasheet HTML 10Page - ATMEL Corporation ATA6830 Datasheet HTML 11Page - ATMEL Corporation ATA6830 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
ATA6830
4575C–BCD–05/03
Bus Commands
There are different commands for controlling the stepping motor. Table 1 shows a list of
all implemented commands and their meanings. The first command, the synchronization
sequence, is described above. The second group of commands are the reference com-
mands. A reference run command causes the stepping motor to make an initial run. It is
used to establish a defined start position for the following position commands. The way
the reference run is executed will be described later. There are two reference run com-
mands. The difference is the turn direction of the stepping motor. This makes the circuit
more flexible for different applications. The turn direction is coded in the 4 identifier bits.
The last class of commands are the position commands. Every new position will be sent
as an absolute value. This makes the transmission more safe in terms of losing a posi-
tion command. The next received command tells the stepping motor the right position
again. For the position data there are 10 bits available (D0 to D9).
The maximum possible step count to be coded with 10 bit is 1024. Though position com-
mands up to 1024 will be executed, it´s prohibited to use values higher than 698, as this
is the step count of the reference run. For details see chapter “Reference Run”.
There are 4 new position commands. They differ in the identifier and in the modus bits.
The identifier fixes the turn direction. For test purposes there are new position com-
mands with a different mode. In this mode the stepping motor works with a reduced coil
current. This may be used for end tests in the production of the application.
Any command with modus or identifier different to the first reference run will be ignored.
Thus it is also not possible to change modus or identifier by performing a second refer-
ence run.
Table 1. Bus Commands
Bus Command
High Byte
Low Byte
Data
Mode
Identifier
Data
76
5
4
321076
543210
Synchronization
1
0
1
0
101010
101010
Reference run (extend)
00
0
0
100100
000000
Reference run (retract)
00
0
0
011000
000000
New position (0 = full extension)
D8
D9
0
0
1001
D0
D1
D2
D3
D4
D5
D6
D7
New position (0 = full retraction)
D8
D9
0
0
0110
D0
D1
D2
D3
D4
D5
D6
D7
New position
(testmode, 0 = full extension)
D8
D9
1
1
1001
D0
D1
D2
D3
D4
D5
D6
D7
New position
(testmode, 0 = full retraction)
D8
D9
1
1
0110
D0
D1
D2
D3
D4
D5
D6
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com