Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6830 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATA6830
Description  INTELLIGENT STEPPER MOTOR DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6830 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATA6830 Datasheet HTML 15Page - ATMEL Corporation ATA6830 Datasheet HTML 16Page - ATMEL Corporation ATA6830 Datasheet HTML 17Page - ATMEL Corporation ATA6830 Datasheet HTML 18Page - ATMEL Corporation ATA6830 Datasheet HTML 19Page - ATMEL Corporation ATA6830 Datasheet HTML 20Page - ATMEL Corporation ATA6830 Datasheet HTML 21Page - ATMEL Corporation ATA6830 Datasheet HTML 22Page - ATMEL Corporation ATA6830 Datasheet HTML 23Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
19
ATA6830
4575C–BCD–05/03
7
Timing
7.1
Baud rate
f
cos = 340 to 460 kHz,
full synchronization
22
Baud
2350
2400
2450
Baud
C, D
7.2
Delay time
2 following
commands
22
TD
5ms
C, D
7.3
Pause time
Between high and low
byte
22
T
P
0µs
C, D
7.4
Clamping time
Bus error clamping
22
Tcl
3
s
C, D
8Logic
8.1
Reference run
detection
Commands in series
to execute first
reference run
Ref3
333
cmd
(1)
D
8.2
Synchronization
15% oscillator
tolerance
Sync
4
cmd
(1)
D
9
Thermal Values
9.1
Thermal prewarning
T_150
150
°CB
9.2
Hysteresis
Thermal prewarning
T_150
HYS
10
°CB
9.3
Thermal shut down
T_160
160
°CB
9.5
Thermal current
boost
T_0
0
°CB
9.6
Hysteresis
Thermal currrent
boost
T_0_HYS
10
°CB
Electrical Characteristics (Continued)
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. cmd = command
Soldering Recommendations
Parameters
Symbol
Value
Unit
Maximum heating rate
T
D
1 to 3
°C/s
Peak temperature in preheat zone
T
PH
100 to 140
°C
Duration of time above melting point of solder
t
MP
minimum 10
maximum 75
s
Peak reflow temperature
TPeak
220 to 225
°C
Maximum cooling rate
TPeak
2 to 4
°C/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com