Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6830 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA6830
Description  INTELLIGENT STEPPER MOTOR DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6830 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA6830 Datasheet HTML 1Page - ATMEL Corporation ATA6830 Datasheet HTML 2Page - ATMEL Corporation ATA6830 Datasheet HTML 3Page - ATMEL Corporation ATA6830 Datasheet HTML 4Page - ATMEL Corporation ATA6830 Datasheet HTML 5Page - ATMEL Corporation ATA6830 Datasheet HTML 6Page - ATMEL Corporation ATA6830 Datasheet HTML 7Page - ATMEL Corporation ATA6830 Datasheet HTML 8Page - ATMEL Corporation ATA6830 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
ATA6830
4575C–BCD–05/03
Functional Description
Analog Part
Figure 3. Analog Blocks
The circuit contains an integrated 5 V regulator to supply the internal logic and analog
circuit blocks. The regulator uses an adjusted bandgap as voltage reference. Also all
other parts that require an excellent voltage reference, such as the voltage monitoring
block refer to the bandgap.
The bias generator derives its accurate currents from an external reference resistor. The
oscillator is used for clocking the digital system. All timings like the baud rate, the step
duration and the chopper frequency are determined from it. An external capacitor is
used for generating the frequency.
The voltage monitoring enables the circuit to drive the stepping motor at different battery
voltage levels. According to the battery voltage the stepping motor will be accelerated to
a maximum step velocity. In case of under or over voltage the motor will shut off. A tem-
perature monitoring is used for shut off at overtemperature conditions and current boost
in case of low temperature.
Oscillator
Bias
Generator
Bandgap
Voltage
Regulator
Voltage
Supervisor
COS
RSET
AGND
VSS
VDD
VBAT
Temperature
Supervisor
Bias
Clock
Supply
Reset
Voltage Levels
Temperature Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com