Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6830 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATA6830
Description  INTELLIGENT STEPPER MOTOR DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6830 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATA6830 Datasheet HTML 12Page - ATMEL Corporation ATA6830 Datasheet HTML 13Page - ATMEL Corporation ATA6830 Datasheet HTML 14Page - ATMEL Corporation ATA6830 Datasheet HTML 15Page - ATMEL Corporation ATA6830 Datasheet HTML 16Page - ATMEL Corporation ATA6830 Datasheet HTML 17Page - ATMEL Corporation ATA6830 Datasheet HTML 18Page - ATMEL Corporation ATA6830 Datasheet HTML 19Page - ATMEL Corporation ATA6830 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16
ATA6830
4575C–BCD–05/03
Thermal Resistance
Parameters
Symbol
Value
Unit
Thermal resistance junction-case
R
thJC
5K/W
Thermal resistance junction-ambient
R
thJA
35
K/W
Operating Range
Parameters
Symbol
Value
Unit
Power supply range
V
BAT
7 to 20
V
Operating temperature range
T
op
-40 to +105
°C
Electrical Characteristics
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1
Supply
1.1
Supply current
V
BAT = 14 V
(no motor current)
1, 7,
15, 21
I_total
4
7
mA
A
1.2
Supply voltage
Normal operation
1, 7,
15, 21
VBATsup
7.0
20
V
C
1.3
V
DD voltage
23
V
VDD_13V
4.9
5.0
5.1
V
A
1.4
V
DD voltage
V
BAT = 7.0 V
23
V
VDD_7V
4.8
5.0
5.1
V
A
2Bus Port
2.1
Threshold voltage
VBAT = 12.0 V, rising
edge
22
V
LH_BUS_12
5.5
6.5
7.5
V
A
2.2
Threshold voltage
V
BAT = 12 V, falling
edge
22
V
HL_BUS_12
4.5
5.5
6.5
V
A
2.3
Hysteresis
22
V
HYS_BUS12
1V
A
2.4
Input current
V
BUS = 0 V
22
I
OUT_BUS_8
-400
-300
-220
µA
A
2.5
Saturation voltage
I
BUS = 2 mA, bus
clamping
22
VSAT_BUS_7
0.5
V
A
2.6
Pulldown current
At error condition
22
IPulldwn_7
2mA
A
3
Oscillator
3.1
Frequency
COS = 100 pF ±5%
R
SET = 20 kW ±1%
27
FOSC_13
340
400
460
kHz
A
4
Reference
4.1
Reference voltage
R
SET = 20 kW ±1%
26
V
RSET_13V
2.4
2.5
2.6
V
A
4.2
Reference voltage
V
BAT = 7 V
26
V
RSET_7V
2.3
2.5
2.6
V
A
5
Full Bridges
5.1
R
DSON
R
DSON of half-bridge
3, 5,
17, 20
R
DSon
1.2
1.7
W
B
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. cmd = command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com