Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6830 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATA6830
Description  INTELLIGENT STEPPER MOTOR DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6830 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATA6830 Datasheet HTML 13Page - ATMEL Corporation ATA6830 Datasheet HTML 14Page - ATMEL Corporation ATA6830 Datasheet HTML 15Page - ATMEL Corporation ATA6830 Datasheet HTML 16Page - ATMEL Corporation ATA6830 Datasheet HTML 17Page - ATMEL Corporation ATA6830 Datasheet HTML 18Page - ATMEL Corporation ATA6830 Datasheet HTML 19Page - ATMEL Corporation ATA6830 Datasheet HTML 20Page - ATMEL Corporation ATA6830 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17
ATA6830
4575C–BCD–05/03
5.2
Output current
Output stage off
3, 5,
17, 20
I
LEAK
10
µA
A
5.3
Output current
Hold mode
R
SHUNT = 240 mW
3, 5,
17, 20
VSHUNT18
40
55
200
mA
B
5.4
Output current
Test mode
R
SHUNT = 240 mW
3, 5,
17, 20
V
SHUNT99
240
300
360
mA
B
5.5
Output current
Normal mode
R
SHUNT = 240 mW
3, 5,
17, 20
V
SHUNT182
500
550
600
mA
B
5.6
Output current
Normal mode
(T <0
°C)
R
SHUNT = 240 mW
3, 5,
17, 20
V
SHUNT218
600
660
720
mA
B
5.7
Output current
Halfstep
compensation
R
SHUNT = 240 mW
3, 5,
17, 20
V
SHUNT257
700
780
860
mA
B
5.8
Output current
Halfstep comp-
ensation (T < 0
°C)
R
SHUNT = 240 mW
3, 5,
17, 20
V
SHUNT309
840
936
1040
mA
B
5.9
Overcurrent threshold
Highside switch
3, 5,
17, 20
I
OC_H
1.6
A
A
5.10
Overcurrent threshold
Lowside switch
3, 5,
17, 20
I
OC_L
1.6
A
B
5.11
Chopper frequency
1/16
fcos
D
6
Voltage Comparators
6.1
Threshold voltage
9.0 V comparator,
rising edge
1, 7,
15, 21
V
9_UP
8.8
9.1
9.4
V
A
6.2
Threshold voltage
9.0 V comparator,
falling edge
1, 7,
15, 21
V9_DOWN
8.6
8.9
9.2
V
A
6.3
Hysteresis
9.0 V comparator
1, 7,
15, 21
V
9_HYS
60
200
340
mV
A
6.4
Threshold voltage
9.5 V comparator,
rising edge
1, 7,
15, 21
V
9_5_UP
9.3
9.6
9.9
V
A
6.5
Threshold voltage
9.5 V comparator,
falling edge
1, 7,
15, 21
V9_5_DOWN
9.1
9.4
9.7
V
A
6.6
Hysteresis
9.5 V comparator
1, 7,
15, 21
V
9_5_HYS
60
200
340
mV
A
6.7
Threshold voltage
10.0 V comparator,
rising edge
1, 7,
15, 21
V
10_UP
9.8
10.1
10.4
V
A
6.8
Threshold voltage
10.0 V comparator,
falling edge
1, 7,
15, 21
V10_DOWN
9.6
9.9
10.2
V
A
6.9
Hysteresis
10.0 V comparator
1, 7,
15, 21
V
10_HYS
60
200
340
mV
A
6.10
Threshold voltage
10.5 V comparator,
rising edge
1, 7,
15, 21
V
10_5_UP
10.35
10.65
10.95
V
A
6.11
Threshold voltage
10.5 V comparator,
falling edge
1, 7,
15, 21
V10_5_DOWN
10.15
10.45
10.75
V
A
Electrical Characteristics (Continued)
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. cmd = command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com