Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6830 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATA6830
Description  INTELLIGENT STEPPER MOTOR DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6830 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATA6830 Datasheet HTML 10Page - ATMEL Corporation ATA6830 Datasheet HTML 11Page - ATMEL Corporation ATA6830 Datasheet HTML 12Page - ATMEL Corporation ATA6830 Datasheet HTML 13Page - ATMEL Corporation ATA6830 Datasheet HTML 14Page - ATMEL Corporation ATA6830 Datasheet HTML 15Page - ATMEL Corporation ATA6830 Datasheet HTML 16Page - ATMEL Corporation ATA6830 Datasheet HTML 17Page - ATMEL Corporation ATA6830 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14
ATA6830
4575C–BCD–05/03
Figure 13. Chopper Current Control
Figure 14. Current Flow in Halfbridge
Exception Handling
During operation, different exceptional states or errors can arise to which the circuit
must correspondingly react. These are described below:
•
Supply voltage below 9 V
Travel operation is suspended for the duration of the undervoltage. The output current
will be set to zero. When the supply voltage rises above 10.5 V, travel operation
restarts.
•
Supply voltage above 20 V
Travel operation is suspended for the duration of the undervoltage. The output current
will be set to zero. When the supply voltage falls below 20 V, travel operation restarts.
•Overtemperature warning
The maximum stepping speed is reduced to 300 Hz. This ensures a safe shut-off proce-
dure if the temperature increases to shut-off temperature.
•
Overtemperature shut-off
coil current
turn on signal
flyback
comparator
shunt resistor
voltage
Imax
blanking time
ON
OFF
ON
OFF
ON
OFF
OFF
ON
a)
b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com