Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6830 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATA6830
Description  INTELLIGENT STEPPER MOTOR DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6830 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATA6830 Datasheet HTML 1Page - ATMEL Corporation ATA6830 Datasheet HTML 2Page - ATMEL Corporation ATA6830 Datasheet HTML 3Page - ATMEL Corporation ATA6830 Datasheet HTML 4Page - ATMEL Corporation ATA6830 Datasheet HTML 5Page - ATMEL Corporation ATA6830 Datasheet HTML 6Page - ATMEL Corporation ATA6830 Datasheet HTML 7Page - ATMEL Corporation ATA6830 Datasheet HTML 8Page - ATMEL Corporation ATA6830 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
ATA6830
4575C–BCD–05/03
Digital Part
Figure 4. Digital Blocks
Figure 4 shows all digital blocks of the circuit. The stepping motor will be controlled by
commands via the bus input pin. An analog comparator is used as a level shifter at the
input. There is also a possibility of clamping the bus pin to ground. This will be used after
detecting an error to feedback this to the microcontroller.
The next block is a UART. Its task is clock recovery and data recognition of the incoming
bit stream. For clock recovery a special bitstream is used after each power on. The gen-
erated bitstream will be analyzed and after a correct parity check interpreted for
execution.
A sophisticated cruise control generates all control signals for the two H-bridge drivers.
It uses an internal step-time table for accelerating and decelerating the stepping motor
depending on the actual and desired position and the temperature and voltage levels.
Exception handling is integrated to interpret and react on the temperature, supply volt-
age, and coil-current signals from the analog part.
UART
Clock
Recovery
Bitstream
Recovery
Data
Recognition
&
Parity-Check
bitstream
rxd
shiftclk
BUS
VREF
reference run
new position
Step Time Memory
Maximum Step Time
New Step Time
Clk
Voltage Levels
Actual Step Time
Cruise Control
Desired Position
Instantaneous Position
Stepper Motor Control
Error Timer
Error Signals
Temperature Signals
Error Signals
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com