Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6830 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATA6830
Description  INTELLIGENT STEPPER MOTOR DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6830 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATA6830 Datasheet HTML 1Page - ATMEL Corporation ATA6830 Datasheet HTML 2Page - ATMEL Corporation ATA6830 Datasheet HTML 3Page - ATMEL Corporation ATA6830 Datasheet HTML 4Page - ATMEL Corporation ATA6830 Datasheet HTML 5Page - ATMEL Corporation ATA6830 Datasheet HTML 6Page - ATMEL Corporation ATA6830 Datasheet HTML 7Page - ATMEL Corporation ATA6830 Datasheet HTML 8Page - ATMEL Corporation ATA6830 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
ATA6830
4575C–BCD–05/03
Pin Description
Pin
Symbol
Function
1
VBAT1A
Battery voltage
2
n.c.
Not connected
3
SM1A
Connection for stepping motor winding A
4
SRA
Sense resistor A connection
5
SM2A
Connection for stepping motor winding A
6
n.c.
Not connected
7
VBAT2A
Battery voltage
8
n.c.
Not connected
9
SCI1
Test pin, please connect to ground for EMC reasons
10
SCO1
Test pin, please connect to ground for EMC reasons
11
SCI2
Test pin, please connect to ground for EMC reasons
12
SCO2
Test pin, please connect to ground for EMC reasons
13
TA
Test pin, please connect to ground for EMC reasons
14
TTEMP
Test pin, please connect to ground for EMC reasons
15
VBAT2B
Battery voltage
16
n.c.
Not connected
17
SM2B
Connection for stepping motor winding B
18
SRB
Sense resistor B connection
19
SM1B
Connection for stepping motor winding B
20
n.c.
Not connected
21
VBAT1B
Battery voltage
22
BUS
Receives the control instructions via the single wire bus from the controller
23
VDD
5 V supply voltage output
24
VSS
Digital signal ground
25
AGND
Analog signal ground
26
RSET
Reference current setting. Connected externally with a resistor to AGND. The value of the resistor
determines all internal current sources and sinks.
27
COS
Oscillator pin, connected externally with a capacitor to AGND. The value of the capacitance determines
the chopper frequency and the baud rate for data reception.
28
n.c.
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com