Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6830 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATA6830
Description  INTELLIGENT STEPPER MOTOR DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6830 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATA6830 Datasheet HTML 9Page - ATMEL Corporation ATA6830 Datasheet HTML 10Page - ATMEL Corporation ATA6830 Datasheet HTML 11Page - ATMEL Corporation ATA6830 Datasheet HTML 12Page - ATMEL Corporation ATA6830 Datasheet HTML 13Page - ATMEL Corporation ATA6830 Datasheet HTML 14Page - ATMEL Corporation ATA6830 Datasheet HTML 15Page - ATMEL Corporation ATA6830 Datasheet HTML 16Page - ATMEL Corporation ATA6830 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
ATA6830
4575C–BCD–05/03
If the chip temperature exceeds the overtemperature warning threshold, the step speed
is reduced to 300 Hz. If the chip temperature rises further the output driver is shut off.
Step Operation
The stepping motor is operated in halfstep-compensation mode. The current for both
coils is shown in Figure 12. The current levels are increased when the temperature is
below 0
°C to secure operation. For final tests at the end of the application production
line the currents are reduced.
Figure 12. Compensated Halfstep Operation
Bridge Current Control
The bridge current is controlled by a chopper current control, shown in Figure 13. The
current is turned on every 40 µs (25 kHz chopper frequency). The current flow in the H-
bridge is shown in Figure 14a. After a blanking time of 2.5 µs to suppress turn-on peaks
the current is measured via the shunt voltage. As soon as the current has reached its
nominal value it is turned off again. The current flow in this state is shown in Figure 14b.
Table 4. Maximum Step Frequency
VBAT
Maximum Step Frequency
at Rising Voltage
Maximum Step Frequency
(VBAT once > 10.5 V)
< 9 V
No operation
No operation
9 V to 9.5 V
No operation
300 Hz (3.33 ms)
9.5 V to 10 V
No operation
500 Hz (2.03 ms)
10 V to 10.5 V
No operation
680 Hz (1,47 ms)
10.5 V to 11 V
850 Hz (1.17 ms)
850 Hz (1.17 ms)
> 11 V
1000 Hz (1 ms)
1000 Hz (1 ms)
> 20 V
No operation
No operation
700mA
500mA
-500mA
-700mA
700mA
500mA
-500mA
-700mA
12345
6
7
8
coil A
coil B
half steps
half steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com