Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6141 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6141
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6141 Datasheet(HTML) 5 Page - Microchip Technology

  MCP6141 Datasheet HTML 1Page - Microchip Technology MCP6141 Datasheet HTML 2Page - Microchip Technology MCP6141 Datasheet HTML 3Page - Microchip Technology MCP6141 Datasheet HTML 4Page - Microchip Technology MCP6141 Datasheet HTML 5Page - Microchip Technology MCP6141 Datasheet HTML 6Page - Microchip Technology MCP6141 Datasheet HTML 7Page - Microchip Technology MCP6141 Datasheet HTML 8Page - Microchip Technology MCP6141 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
 2002 Microchip Technology Inc.
21668A-page 5
MCP6141/2/3/4
Note: Unless otherwise indicated, VDD = +5V, VSS = GND, TA = 25°C, VCM = VDD/2, RL = 1 MΩ to VDD/2, CL = 60 pF,
and VOUT ~VDD/2.
FIGURE 2-7:
Input Offset Voltage vs.
Output Voltage vs. Power Supply Voltage.
FIGURE 2-8:
Input Noise Voltage Density
vs. Frequency.
FIGURE 2-9:
Common Mode Rejection
Ratio, Power Supply Rejection Ratio vs.
Frequency.
FIGURE 2-10:
Input Bias, Offset Currents
vs. Common Mode Input Voltage with
Temperature = 85°C.
FIGURE 2-11:
Input Noise Voltage Density
vs. Common Mode Input Voltage.
FIGURE 2-12:
Common Mode Rejection
Ratio, Power Supply Rejection Ratio vs. Ambient
Temperature.
250
300
350
400
450
500
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Output Voltage (V)
VDD = 1.4 V
RL = 50 k
VDD = 5.5 V
100
1,000
0.1
1
10
100
1000
Frequency (Hz)
Eni = 4.7 µVP-P, f = 0.1 to 10 Hz
eni = 167 nV/ Hz, f = 1 kHz
20
30
40
50
60
70
80
90
100
1
10
100
1000
Frequency (Hz)
PSRR-
CMRR
PSRR+
VDD = 5.0 V
Referred to Input
10
100
0
10
20
30
40
50
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Common Mode Input Voltage (V)
Input Bias Current
Input Offset Current
TA = 85°C
VDD = 5.5 V
0
50
100
150
200
250
300
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
Common Mode Input Voltage (V)
f = 1 kHz
VDD = 5.0 V
70
75
80
85
90
95
100
-40
-20
0
2040
6080
Ambient Temperature (°C)
PSRR (VCM = VSS)
CMRR (VDD = 5.0 V,
VCM = -0.3 V to +5.3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com