Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6141 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6141
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6141 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6141 Datasheet HTML 7Page - Microchip Technology MCP6141 Datasheet HTML 8Page - Microchip Technology MCP6141 Datasheet HTML 9Page - Microchip Technology MCP6141 Datasheet HTML 10Page - Microchip Technology MCP6141 Datasheet HTML 11Page - Microchip Technology MCP6141 Datasheet HTML 12Page - Microchip Technology MCP6141 Datasheet HTML 13Page - Microchip Technology MCP6141 Datasheet HTML 14Page - Microchip Technology MCP6141 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
 2002 Microchip Technology Inc.
21668A-page 11
MCP6141/2/3/4
FIGURE 3-2:
Noise gain for inverting and
non-inverting amplifier configuration.
Figure 3-2 shows non-inverting and inverting amplifier
circuits. In order for the amplifiers to be stable, the
noise gain should meet the specified requirement:
EQUATION
Note that an inverting signal gain of G = -9 V/V corre-
sponds to a noise gain Gn = +10 V/V.
Figure 3-3 shows a unity gain buffer and integrator that
are unstable when used with the MCP6141/2/3/4 fam-
ily. However, they are suitable for the MCP6041/2/3/4
family.
FIGURE 3-3:
Typical Circuits that are not
suitable for the MCP6141/2/3/4 family.
Note that the integrator circuit in Figure 3-3 becomes
unity gain at high frequencies because of the capaci-
tor. Therefore, this circuit is unstable for the
MCP6141/2/3/4.
3.6
Capacitive Load and Stability
Driving capacitive loads can cause stability problems
with voltage feedback op amps. Figure 2-21 shows how
increasing the load capacitance will decrease the phase
margin. While a phase margin above 60° is ideal, 45° is
on the verge of instability. As can be seen, up to
CL = 150 pF can be placed on the MCP6141/2/3/4 op
amp outputs without any problems, while 250 pF cre-
ates a 45° phase margin.
When the op amp is required to drive large capacitive
loads (CL >150 pF), a small series resistor (RISO in
Figure 3-4) at the output of the amplifier improves the
phase margin. This resistor makes the output load
resistive at higher frequencies, which improves the
phase margin. The bandwidth reduction caused by the
capacitive load, however, is not changed. To select
RISO, start with 1 kΩ, then use the MCP6141 SPICE
macro model and bench testing to adjust RISO until
there is a minimum frequency response peaking.
FIGURE 3-4:
Amplifier circuit for heavy
capacitive loads.
3.7
The MCP6143 Chip Select (CS)
Option
The MCP6143 is a single amplifier with a chip select
(CS) option. When CS is pulled high, the supply current
drops to 20 pA (typ.) and goes through the CS pin to
VSS. When this happens, the amplifier is put into a high
impedance state. By pulling CS low, the amplifier is
enabled. If the CS pin is left floating, the amplifier will
not operate properly. Figure 3-5 shows the output
voltage and supply current response to a CS pulse.
VIN
VOUT
MCP614X
RF
RG
VIN
VOUT
MCP614X
RF
RG
Non-inverting noise gain: 1 + RF/RG ≥ +10 V/V
Inverting noise gain: 1 + RF/RG ≥ +10 V/V
Gn
1
RF
RG
-------
+
10V/V
≥
=
VIN
VOUT
VIN
VOUT
MCP604X
C
R
MCP604X
Integrator:
Unity gain buffer:
Unstable for MCP614X
Unstable for MCP614X
VIN
RISO
VOUT
MCP614X
CL
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com