Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6141 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6141
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6141 Datasheet(HTML) 1 Page - Microchip Technology

  MCP6141 Datasheet HTML 1Page - Microchip Technology MCP6141 Datasheet HTML 2Page - Microchip Technology MCP6141 Datasheet HTML 3Page - Microchip Technology MCP6141 Datasheet HTML 4Page - Microchip Technology MCP6141 Datasheet HTML 5Page - Microchip Technology MCP6141 Datasheet HTML 6Page - Microchip Technology MCP6141 Datasheet HTML 7Page - Microchip Technology MCP6141 Datasheet HTML 8Page - Microchip Technology MCP6141 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2002 Microchip Technology Inc.
21668A-page 1
M
MCP6141/2/3/4
Features
• Low Quiescent Current: 600 nA/Amplifier (typ.)
• Stable for gains of 10 V/V or higher
• Rail-to-Rail Input: -0.3V (min.) to VDD + 0.3V (max.)
• Rail-to-Rail Output:
-VSS+10 mV (min.) to VDD-10 mV (max.)
• Gain Bandwidth Product: 100 kHz (typ.)
• Wide Supply Voltage Range: 1.4V to 5.5V (max.)
• Available in Single, Dual and Quad
• Chip Select (CS) with MCP6143
Applications
• Toll Booth Tags
• Wearable Products
• Temperature Measurement
• Battery-Powered
Available Tools
• Spice macro models (at www.microchip.com)
• FilterLab® Software (at www.microchip.com)
Package Types
Description
The MCP6141/2/3/4 family of non-unity gain stable
operational amplifiers (op amps) from Microchip
Technology, Inc. operate with a single supply voltage
as low as 1.4V, while drawing less than 1 µA (max.) of
quiescent current per amplifier. These devices are also
designed to support rail-to-rail input and output swing.
The MCP6141/2/3/4 op amps have a gain bandwidth
product of 100 kHz (typ.) and are stable for gains of
10 V/V or higher. This specification makes these
devices appropriate for battery-powered applications
where higher frequency responses from the amplifier
are required.
The MCP6141/2/3/4 family of op amps are offered in
single (MCP6141), single with a Chip Select (CS) fea-
ture
(MCP6143),
dual
(MCP6142)
and
quad
(MCP6144) configurations.
Typical Applications
+IN
-IN
VSS
VDD
OUT
1
2
3
4
8
7
6
5
-
+
NC
NC
NC
+INA
-INA
VSS
1
2
3
4
8
7
6
5
-
OUTA
+ -
+
A
B
VDD
OUTB
-INB
+INB
+IN
-IN
VSS
VDD
OUT
1
2
3
4
8
7
6
5
-
+
NC
CS
NC
+INA1
-INA1
VSS
1
2
3
4
14
13
12
11
-
OUTA
+ -
+
A
D
VDD
OUTD
-IND
+IND
10
9
8
5
6
7
OUTB1
-INB
+INB
+INC
-INC
OUTC
+
-
B
C
-
+
MCP6141
PDIP, SOIC, MSOP
MCP6142
PDIP, SOIC, MSOP
MCP6143
PDIP, SOIC, MSOP
MCP6144
PDIP, SOIC, TSSOP
VDD
1k
Ω
MCP614X
RI
RF = 1 MΩ
VDD
IDD
+1.4V
to
5.5V
VSS
High Side Battery Current Sensor
VREF
MCP614X
R3
RF
V3
V2
V1
VOUT
R2
R1
I1
I2
I3
IF
Summing Amplifier
Gn
1RF
1
R1
------
1
R2
------
1
R3
------
++


+
10V/V
≥
=
Gn
1
RF
RI
------
+

 10V/V
≥
=
100 k
Ω
600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps


Similar Part No. - MCP6141

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6141 MICROCHIP-MCP6141 Datasheet
655Kb / 34P
600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
2005
MCP6141 MICROCHIP-MCP6141 Datasheet
664Kb / 38P
600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
2009
MCP6141-E/CH MICROCHIP-MCP6141-E/CH Datasheet
664Kb / 38P
600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
2009
MCP6141-E/MS MICROCHIP-MCP6141-E/MS Datasheet
664Kb / 38P
600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
2009
MCP6141-E/OT MICROCHIP-MCP6141-E/OT Datasheet
664Kb / 38P
600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
2009
More results

Similar Description - MCP6141

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6041 MICROCHIP-MCP6041 Datasheet
621Kb / 32P
600 nA, Rail-to-Rail Input/Output Op Amps
2002
MCP6141 MICROCHIP-MCP6141_05 Datasheet
655Kb / 34P
600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
2005
MCP6141 MICROCHIP-MCP6141_09 Datasheet
664Kb / 38P
600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
2009
MCP6041 MICROCHIP-MCP6041_13 Datasheet
1Mb / 40P
600 nA, Rail-to-Rail Input/Output Op Amps
2001-2013
MCP6044-I MICROCHIP-MCP6044-I Datasheet
1Mb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6041T-E MICROCHIP-MCP6041T-E Datasheet
1Mb / 40P
600 nA, Rail-to-Rail Input/Output Op Amps
11/29/12
MCP6044-E MICROCHIP-MCP6044-E Datasheet
617Kb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6042-I MICROCHIP-MCP6042-I Datasheet
507Kb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6043T-I MICROCHIP-MCP6043T-I Datasheet
507Kb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6044-I MICROCHIP-MCP6044-I Datasheet
507Kb / 34P
600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com