Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6141 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP6141
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6141 Datasheet(HTML) 2 Page - Microchip Technology

  MCP6141 Datasheet HTML 1Page - Microchip Technology MCP6141 Datasheet HTML 2Page - Microchip Technology MCP6141 Datasheet HTML 3Page - Microchip Technology MCP6141 Datasheet HTML 4Page - Microchip Technology MCP6141 Datasheet HTML 5Page - Microchip Technology MCP6141 Datasheet HTML 6Page - Microchip Technology MCP6141 Datasheet HTML 7Page - Microchip Technology MCP6141 Datasheet HTML 8Page - Microchip Technology MCP6141 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
MCP6141/2/3/4
21668A-page 2
2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Maximum Ratings†
VDD - VSS .........................................................................7.0V
All inputs and outputs........................ VSS -0.3V to VDD +0.3V
Difference Input voltage ....................................... |VDD - VSS|
Output Short Circuit Current ..................................continuous
Current at Input Pins ....................................................±2 mA
Current at Output and Supply Pins ............................±30 mA
Storage temperature .....................................-65°C to +150°C
Junction Temperature, TJ............................................+150°C
ESD protection on all pins (HBM:MM)
.................. ≥ 4kV:200 V
†Notice: Stresses above those listed under “Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
PIN FUNCTION TABLE
DC ELECTRICAL SPECIFICATIONS
Name
Function
+IN/+INA/+INB/+INC/+IND
Non-inverting Inputs
-IN/-INA/-INB/-INC/-IND
Inverting Inputs
VDD
Positive Power Supply
VSS
Negative Power Supply
OUT/OUTA/OUTB/OUTC/OUTD Outputs
CS
Chip Select
NC
No internal connection
Electrical Characteristics: Unless otherwise indicated, all limits are specified for VDD = +1.4V to +5.5V, VSS = GND, TA = 25°C,
VCM = VDD/2, RL = 1 MΩ to VDD/2, and VOUT ~ VDD/2.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Offset
VCM = VSS
Input Offset Voltage
VOS
-3.0
—
+3.0
mV
Drift with Temperature
∆VOS/∆T—
±1.5
—
µV/°C TA= -40°C to +85°C
Power Supply Rejection
PSRR
70
85
—
dB
Input Bias Current and Impedance
Input Bias Current
IB
—1.0
—
pA
Input Bias Current Over-Temperature
IB
——
100
pA
TA= -40°C to +85°C
Input Offset Current
IOS
—1.0
—
pA
Common Mode Input Impedance
ZCM
—1013||6
—
Ω||pF
Differential Input Impedance
ZDIFF
—1013||6
—
Ω||pF
Common Mode
Common-Mode Input Range
VCMR
VSS − 0.3
—
VDD + 0.3
V
Common-Mode Rejection Ratio
CMRR
62
80
—
dB
VDD = 5V,
VCM = -0.3V to 5.3V
60
75
—
dB
VDD = 5V,
VCM = 2.5V to 5.3V
60
80
—
dB
VDD = 5V,
VCM = -0.3V to 2.5V
Open Loop Gain
DC Open Loop Gain (large signal)
AOL
95
115
—
dB
RL = 50 kΩ to VDD/2,
100 mV < VOUT <
(VDD − 100 mV)
Output
Maximum Output Voltage Swing
VOL, VOH VSS + 10
—
VDD − 10
mV
RL = 50 kΩ to VDD/2
Output Short Circuit Current
IO
—21
—
mA
VOUT = 2.5V, VDD = 5 V
Power Supply
Supply Voltage
VDD
1.4
—
5.5
V
Quiescent Current per amplifier
IQ
0.3
0.6
1.0
µA
IO = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com