Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6141 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP6141
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6141 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP6141 Datasheet HTML 13Page - Microchip Technology MCP6141 Datasheet HTML 14Page - Microchip Technology MCP6141 Datasheet HTML 15Page - Microchip Technology MCP6141 Datasheet HTML 16Page - Microchip Technology MCP6141 Datasheet HTML 17Page - Microchip Technology MCP6141 Datasheet HTML 18Page - Microchip Technology MCP6141 Datasheet HTML 19Page - Microchip Technology MCP6141 Datasheet HTML 20Page - Microchip Technology MCP6141 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
 2002 Microchip Technology Inc.
21668A-page 17
MCP6141/2/3/4
I15 15
4 300N
V16 16
4 200M
D16 16 15 DL
V13
3 13 50.0M
D13 14 13 DL
*
* Noise, PSRR, and CMRR
I20 21 20 423U
D20 20
0 DN1
D21
0 21 DN1
G26
0 26 POLY(1) 3 4
308U -56.0U
R26 26
0 1
G27
0 27 POLY(2) 1 3 2 4
-979U 178U 178U
R27 27
0 1
*
* Open Loop Gain, Slew Rate
G30
0 30 POLY(1) 12 11
0 1.00K
R30 30
0 1
E31 31
0 POLY(1) 3 4
29.3 1.05
D31 30 31 DL
E32
0 32 POLY(1) 3 4
57.0 2.04
D32 32 30 DL
G33
0 33 POLY(1) 30 0
0 562
R33 33
0 1
C33 33
0 838M
G34
0 34 POLY(1) 33 0
0 1.00
R34 34
0 1.00
C34 34
0 8.53U
G35
0 35 POLY(2) 34 0 33 34
0 1.00 1.22
R35 35
0 1.00
*
* Output Stage
G50
0 50 POLY(1) 57 5
0 1.00
D51 50 51 DL
R51 51
0 1K
D52 52 50 DL
R52 52
0 1K
G53
3
0 POLY(1) 51 0
300N
1M
G54
0
4 POLY(1) 52 0
300N
-1M
E55 55
0 POLY(2) 3 0 51 0
-10M 1 -100M
D55 57 55 DLS
E56 56
0 POLY(2) 4 0 52 0
10M 1 -100M
D56 56 57 DLS
G57
0 57 POLY(3) 3 0 4 0 35 0
0 17.8U 17.8U 35.5U
R57 57
0 28.2K
R58 57
5 1.00
C58
5
0 2.00P
*
* Models
.MODEL NMI NMOS
.MODEL DL
D
N=1
IS=1F
.MODEL DLS D
N=10M IS=1F
.MODEL DN1 D
IS=1F KF=1.17E-18 AF=1
*
.ENDS MCP6141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com