Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6141 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6141
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6141 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6141 Datasheet HTML 4Page - Microchip Technology MCP6141 Datasheet HTML 5Page - Microchip Technology MCP6141 Datasheet HTML 6Page - Microchip Technology MCP6141 Datasheet HTML 7Page - Microchip Technology MCP6141 Datasheet HTML 8Page - Microchip Technology MCP6141 Datasheet HTML 9Page - Microchip Technology MCP6141 Datasheet HTML 10Page - Microchip Technology MCP6141 Datasheet HTML 11Page - Microchip Technology MCP6141 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
MCP6141/2/3/4
21668A-page 8
2002 Microchip Technology Inc.
Note: Unless otherwise indicated, VDD = +5V, VSS = GND, TA = 25°C, VCM = VDD/2, RL = 1 MΩ to VDD/2, CL = 60 pF,
and VOUT ~VDD/2.
FIGURE 2-25:
Slew Rate vs. Ambient
Temperature.
FIGURE 2-26:
Output Voltage Headroom
vs. Output Current Magnitude vs. Power Supply
Voltage.
FIGURE 2-27:
Small Signal Non-Inverting
Pulse Response vs. Time.
FIGURE 2-28:
Output Voltage Swing vs.
Frequency vs. Power Supply Voltage.
FIGURE 2-29:
Output Voltage Headroom
vs. Ambient Temperature with VDD = 5.5V.
FIGURE 2-30:
Small Signal Inverting Pulse
Response vs. Time.
0
5
10
15
20
25
30
35
40
45
50
-40
-20
0
20406080
Ambient Temperature (°C)
Falling Edge
Rising Edge
1
10
100
1,000
1.E-05
1.E-04
1.E-03
1.E-02
Output Current Magnitude (A)
VOL-VSS, VDD = 5.5 V
VOL-VSS, VDD = 1.4 V
10µ
10m
1m
100µ
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
0.E+00
1.E-04
2.E-04
3.E-04
4.E-04
5.E-04
6.E-04
7.E-04
8.E-04
9.E-04
1.E-03
Time (100 µs/div)
G = +11 V/V
RL = 50 k
0.1
1
10
100
1000
10000
Frequency (Hz)
VDD = 5.5 V
100
1k
10k
VDD = 1.4 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-40
-20
0
20
40
60
80
Ambient Temperature (°C)
VDD - VOH
VOL - VSS
VDD = 5.5 V
RL = 50 k
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
0.E+00
1.E-04
2.E-04
3.E-04
4.E-04
5.E-04
6.E-04
7.E-04
8.E-04
9.E-04
1.E-03
Time (100 µs/div)
G = -10 V/V
RF = 50 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com