Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6141 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP6141
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6141 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP6141 Datasheet HTML 12Page - Microchip Technology MCP6141 Datasheet HTML 13Page - Microchip Technology MCP6141 Datasheet HTML 14Page - Microchip Technology MCP6141 Datasheet HTML 15Page - Microchip Technology MCP6141 Datasheet HTML 16Page - Microchip Technology MCP6141 Datasheet HTML 17Page - Microchip Technology MCP6141 Datasheet HTML 18Page - Microchip Technology MCP6141 Datasheet HTML 19Page - Microchip Technology MCP6141 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
 2002 Microchip Technology Inc.
21668A-page 16
MCP6141/2/3/4
Software License Agreement
The software supplied herewith by Microchip Technology Incorporated (the “Company”) is intended and supplied to you, the Com-
pany’s customer, for use solely and exclusively on Microchip products.
The software is owned by the Company and/or its supplier, and is protected under applicable copyright laws. All rights are reserved.
Any use in violation of the foregoing restrictions may subject the user to criminal sanctions under applicable laws, as well as to civil
liability for the breach of the terms and conditions of this license.
THIS SOFTWARE IS PROVIDED IN AN “AS IS” CONDITION. NO WARRANTIES, WHETHER EXPRESS, IMPLIED OR STATU-
TORY, INCLUDING, BUT NOT LIMITED TO, IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICU-
LAR PURPOSE APPLY TO THIS SOFTWARE. THE COMPANY SHALL NOT, IN ANY CIRCUMSTANCES, BE LIABLE FOR
SPECIAL, INCIDENTAL OR CONSEQUENTIAL DAMAGES, FOR ANY REASON WHATSOEVER.
.SUBCKT MCP6141 1 2 3 4 5
*
| | | | |
*
| | | | Output
*
| | | Negative Supply
*
| | Positive Supply
*
| Inverting Input
*
Non-inverting Input
*
* Macromodel for the MCP6141/2/3/4 op amp family:
*
MCP6141 (single)
*
MCP6142 (dual)
*
MCP6143 (single w/ CS; chip select is not modeled)
*
MCP6144 (quad)
*
* Revision History:
*
REV A: 06-Sep-02, KEB (created model)
*
* Recommendations:
*
Use PSPICE (or SPICE 2G6; other simulators may require translation)
*
For a quick, effective design, use a combination of: data sheet
*
specs, bench testing, and simulations with this macromodel
*
For high impedance circuits, set GMIN=100F in the .OPTIONS
*
statement
*
* Supported:
*
Typical performance at room temperature (25 degrees C)
*
DC, AC, Transient, and Noise analyses.
*
Most specs, including: offsets, DC PSRR, DC CMRR, input impedance,
*
open loop gain, voltage ranges, supply current, ... , etc.
*
* Not Supported:
*
Chip select (MCP6143)
*
Variation in specs vs. Power Supply Voltage
*
Distortion (detailed non-linear behavior)
*
Temperature analysis
*
Process variation
*
Behavior outside normal operating region
*
* Input Stage
V10
3 10 -300M
R10 10 11 258K
R11 10 12 258K
C11 11 12 3.53P
C12
1
0 6.00P
E12
1 14 POLY(4) 20 0 21 0 26 0 27 0
1.00M 117 117 1 1
I12 14
0 1.50P
M12 11 14 15 15 NMI L=2.00U W=5.00U
C13 14
2 6.00P
M14 12
2 15 15 NMI L=2.00U W=5.00U
I14
2
0 500E-15
C14
2
0 6.00P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com