Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6141 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6141
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6141 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6141 Datasheet HTML 3Page - Microchip Technology MCP6141 Datasheet HTML 4Page - Microchip Technology MCP6141 Datasheet HTML 5Page - Microchip Technology MCP6141 Datasheet HTML 6Page - Microchip Technology MCP6141 Datasheet HTML 7Page - Microchip Technology MCP6141 Datasheet HTML 8Page - Microchip Technology MCP6141 Datasheet HTML 9Page - Microchip Technology MCP6141 Datasheet HTML 10Page - Microchip Technology MCP6141 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
 2002 Microchip Technology Inc.
21668A-page 7
MCP6141/2/3/4
Note: Unless otherwise indicated, VDD = +5V, VSS = GND, TA = 25°C, VCM = VDD/2, RL = 1 MΩ to VDD/2, CL = 60 pF,
and VOUT ~VDD/2.
FIGURE 2-19:
Channel to Channel
Separation vs. Frequency (MCP6142 and
MCP6144 only).
FIGURE 2-20:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature with
VDD = 5.5V.
FIGURE 2-21:
Closed Loop Gain
Frequency, Phase Margin vs. Load Capacitance
with VDD =5.5V.
FIGURE 2-22:
Gain Bandwidth Product,
Phase Margin vs. Common Mode Input Voltage.
FIGURE 2-23:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature with
VDD = 1.4V.
FIGURE 2-24:
Output Short Circuit Current
vs. Ambient Temperature vs. Power Supply
Voltage.
90
100
110
120
130
140
1000
10000
Frequency (Hz)
Input-Referred
10k
1k
0
20
40
60
80
100
120
-40
-20
0
2040
6080
Ambient Temperature (°C)
0
15
30
45
60
75
90
Gain Bandwidth Product
VDD = 5.5 V
Phase Margin
0
2
4
6
8
10
12
0.00
0.00
0.00
Load Capacitance (F)
0
15
30
45
60
75
90
Closed Loop Gain Frequency
Phase Margin
10p
1n
100p
G = +10 V/V
VDD = 5.5 V
0
20
40
60
80
100
120
140
160
180
Common Mode Input Voltage (V)
0
10
20
30
40
50
60
70
80
90
Gain Bandwidth Product
Phase Margin
0
20
40
60
80
100
120
-40
-20
0
2040
6080
Ambient Temperature (°C)
0
15
30
45
60
75
90
Phase Margin
VDD = 1.4 V
CL = 60 pF
Gain Bandwidth Product
0
5
10
15
20
25
30
35
40
-40
-20
0
20406080
Ambient Temperature (°C)
-ISC, VDD = 1.4 V
-ISC, VDD = 5.5 V
+ISC, VDD = 1.4 V
+ISC, VDD = 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com