Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6141 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP6141
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6141 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP6141 Datasheet HTML 10Page - Microchip Technology MCP6141 Datasheet HTML 11Page - Microchip Technology MCP6141 Datasheet HTML 12Page - Microchip Technology MCP6141 Datasheet HTML 13Page - Microchip Technology MCP6141 Datasheet HTML 14Page - Microchip Technology MCP6141 Datasheet HTML 15Page - Microchip Technology MCP6141 Datasheet HTML 16Page - Microchip Technology MCP6141 Datasheet HTML 17Page - Microchip Technology MCP6141 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
MCP6141/2/3/4
21668A-page 14
2002 Microchip Technology Inc.
In this configuration, the amplifier outputs the sum of
the three input voltages. The ratio of the sum and the
output voltage is defined using the feedback and input
resistors. VREF is used to offset the output voltage. This
family of amplifiers is stable for noise gain (Gn) of 10 V/
V or higher. The Gn and the signal gain of the summing
amplifier is calculated as shown below:
EQUATION
At a noise gain of 10 V/V, the amplifier bandwidth is
approximately 10 kHz. The bandwidth to quiescent cur-
rent ratio of MCP6141/2/3/4 makes this device an
appropriate choice for battery-powered applications.
Gn
1RF
1
R1
------
1
R2
------
1
R3
------
++


+
10 V/V
≥
=
Noise Gain:
Signal Gain:
V01
RF
–
R1
--------- V1
×
=
V02
RF
–
R2
--------- V2
×
=
V03
RF
–
R3
--------- V3
×
=
V04
1
RF
R1
------
RF
R2
------
RF
R3
------
++
+

 V
REF
×
=
VOUT
RF
VREF V1
–
R1
-----------------------
VREF V2
–
R2
-----------------------
VREF V3
–
R3
-----------------------
++
VREF
+
=
VOUT
V01 V02 V03 V04
+++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com