| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about DR127-101-R Datasheet
# Example questions:
➢ What temperature ranges are specified in the document for testing the 'f grade' and 'g grade' versions of the si3217x chip?
➢ What is the maximum acceptable distortion level (in db) for a single frequency between 200 hz and 4 khz in a 2-wire pcm configuration?
➢ What are the typical supply current ranges for the si3217x chip in both the reset and high impedance (open) states?
Okay, here's a summary of the provided text, focusing on the key information about the Si32172/3/5 device:
Device Overview:
The document is a datasheet excerpt detailing the electrical characteristics of the Si32172/3/5, a device likely used in telecommunications applications (specifically, FXS - Foreign Exchange Station, which means it provides the phone line interface).
Key Electrical Characteristics:
️· Power Supply:
- The device operates on multiple supply voltages.
- Typical supply currents vary significantly based on operating mode (Reset, High Impedance, On-hook, Off-hook, Ringing). Currents range from a few milliamps to over 40mA.
- Detailed specifications for supply current are provided for different operating states.
️· AC Characteristics (FXS):
- The document also includes AC performance characteristics related to the FXS interface.
- This includes data such as overload levels and distortion levels for audio signals (both 2-wire and PCM interfaces). Distortion levels are measured in decibels (dB).
Operating Conditions:
️· The specified electrical characteristics are valid for operating temperatures ranging from 0 to 70°C (F grade) or -40 to +85°C (G grade).
In essence: This excerpt provides crucial electrical specifications for engineers designing or working with systems that incorporate the Si32172/3/5, allowing them to ensure proper power supply design and audio performance.
Device Overview:
The document is a datasheet excerpt detailing the electrical characteristics of the Si32172/3/5, a device likely used in telecommunications applications (specifically, FXS - Foreign Exchange Station, which means it provides the phone line interface).
Key Electrical Characteristics:
️· Power Supply:
- The device operates on multiple supply voltages.
- Typical supply currents vary significantly based on operating mode (Reset, High Impedance, On-hook, Off-hook, Ringing). Currents range from a few milliamps to over 40mA.
- Detailed specifications for supply current are provided for different operating states.
️· AC Characteristics (FXS):
- The document also includes AC performance characteristics related to the FXS interface.
- This includes data such as overload levels and distortion levels for audio signals (both 2-wire and PCM interfaces). Distortion levels are measured in decibels (dB).
Operating Conditions:
️· The specified electrical characteristics are valid for operating temperatures ranging from 0 to 70°C (F grade) or -40 to +85°C (G grade).
In essence: This excerpt provides crucial electrical specifications for engineers designing or working with systems that incorporate the Si32172/3/5, allowing them to ensure proper power supply design and audio performance.
| Part No. | DR127-101-R |
| Manufacturer | SKYWORKS |
| Size | 616 Kbytes |
| Pages | 46 pages |
| Description | PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI) |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |