Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32G0601 Datasheet (PDF) - STMicroelectronics

STSPIN32G0601 Datasheet PDF - STMicroelectronics
Part # STSPIN32G0601
Download  STSPIN32G0601 Download
File Size   1340.39 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 600 V three-phase BLDC controller with embedded STM32 MCU

STSPIN32G0601 Datasheet (PDF)

Go To PDF Page Download Datasheet
STSPIN32G0601 Datasheet PDF - STMicroelectronics

Part # STSPIN32G0601
Download  STSPIN32G0601 Click to download

File Size   1340.39 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 600 V three-phase BLDC controller with embedded STM32 MCU

STSPIN32G0601 Datasheet (HTML) - STMicroelectronics


STSPIN32G0601 Product details

Features
■ Three-phase gate drivers – High-voltage rail up to 600 V – dV/dt transient immunity ±50 V/ns – Gate driving voltage range from 9 V to 20 V
■ Driver current capability: – 200/350 mA source/sink current @ 25 °C
■ 32-bit ARM® Cortex®-M0+ MCU core: – Up to 64 MHz clock frequency – 8-Kbyte SRAM with hardware parity check – 64-Kbyte flash memory with protection and securable area – CRC calculation unit
■ Up to 32 general-purpose I/O ports (GPIO)
■ 1 advanced timer for motor control, 16-bit with up to 6 x PWM channels
■ 5 general-purpose timers (1x 32-bit)
■ 2 low-power timers
■ 12-bit ADC converter (up to 15 channels) with 2 MSps conversion rate
■ 5-channel DMA controller with flexible mapping
■ Internal high precision voltage reference
■ Full set of interfaces: 2x I2C, 2x SPI, 3x UART and 1x low-power UART
■ Matched propagation delay for all channels
■ Integrated bootstrap diodes
■ Comparator for fast overcurrent protection
■ UVLO, interlocking, and deadtime functions
■ Smart shutdown (smartSD) function
■ Standby mode for low power consumption
■ On-chip debug support via SWD
■ Extended temperature range: -40 to +125 °C
■ QFN 10x10 72L pitch 0.5 creepage 1.8 mm package

Applications
■ Three-phase motor drivers
■ Inverters
■ Industrial appliances and fans QFN 10x10 72L pitch 0.5 Product status link STSPIN32G0601 Product label 600 V three-phase BLDC controller with embedded STM32 MCU STSPIN32G0601 Datasheet DS14489 - Rev 1 - December 2023 For further information contact your local STMicroelectronics sales office.




Similar Part No. - STSPIN32G0601

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSPIN32G4 STMICROELECTRONICS-STSPIN32G4 Datasheet
1Mb / 48P
High performance 3-phase motor controller with embedded STM32G4 MCU
Rev 1 - March 2021
STSPIN32G4 STMICROELECTRONICS-STSPIN32G4 Datasheet
2Mb / 18P
STSPIN32G4 demonstration board for three-phase brushless motors
15-Mar-2021
STSPIN32G4TR STMICROELECTRONICS-STSPIN32G4TR Datasheet
1Mb / 48P
High performance 3-phase motor controller with embedded STM32G4 MCU
Rev 1 - March 2021
More results


Similar Description - STSPIN32G0601

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
FCM8531 OMRON-FCM8531 Datasheet
985Kb / 20P
MCU Embedded and Configurable 3-Phase PMSM / BLDC Motor Controller
logo
Texas Instruments
DRV10963 TI-DRV10963 Datasheet
639Kb / 14P
5-V, THREE PHASE, SENSORLESS BLDC MOTOR DRIVER
logo
STMicroelectronics
STEVAL-SPIN3201 STMICROELECTRONICS-STEVAL-SPIN3201 Datasheet
235Kb / 3P
Advanced BLDC controller with embedded STM32 MCU evaluation board
27-Oct-2016
logo
Texas Instruments
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
12-V, Three-Phase, Sensorless BLDC Motor Driver
logo
STMicroelectronics
STSPIN32F0A STMICROELECTRONICS-STSPIN32F0A Datasheet
943Kb / 41P
Advanced BLDC controller with embedded STM32 MCU
September 2017 Rev 2.0
STSPIN32F0251 STMICROELECTRONICS-STSPIN32F0251 Datasheet
1Mb / 32P
Advanced 250 V three-phase BLDC controller with embedded STM32 MCU
Rev 4 - February 2021
STSPIN32F0601 STMICROELECTRONICS-STSPIN32F0601 Datasheet
1Mb / 32P
Advanced 600 V three-phase BLDC controller with embedded STM32 MCU
Rev 5 - February 2021
STEVAL-SPIN3202 STMICROELECTRONICS-STEVAL-SPIN3202 Datasheet
2Mb / 7P
STSPIN32F0A advanced 3-phase BLDC driver with embedded STM32 MCU single shunt evaluation board
Rev 3 - July 2021
STSPIN32G4 STMICROELECTRONICS-STSPIN32G4 Datasheet
1Mb / 48P
High performance 3-phase motor controller with embedded STM32G4 MCU
Rev 1 - March 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com