Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32G0601 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STSPIN32G0601
Description  600 V three-phase BLDC controller with embedded STM32 MCU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G0601 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STSPIN32G0601 Datasheet HTML 5Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 6Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 7Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 8Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 9Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 10Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 11Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 12Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
4.2
Recommended operating conditions
Table 5. Recommended operating conditions
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCC
Power supply voltage
(VCCthON)MAX
20
V
VLS (1)
Low-side driver supply voltage
4
20
V
VPS (2)
Low-side driver ground
-5
5
V
VBO (3)
Floating supply voltage
(VBOthON)MAX
20
V
VCIN
Comparator input voltage
0
15
V
VOUT
DC output voltage
-10 (4)
580
V
FSW
Maximum switching frequency
(5)
800
kHz
VDD
Standard MCU operating
voltage
1.7 (6)
3.6
V
VDDA
Analog supply voltage
For ADC operation
1.62
3.6
V
For VREFBUF operation
2.4
3.6
V
VBAT
Backup operating voltage
1.55
3.6
V
VREF+
ADC positive reference voltage
VDDA ≥ 2 V
2
VDDA
V
VDDA < 2 V
VDDA
V
TJ
Operating junction temperature
-40
125
°C
1. VLS = VCC - VPGND
2. VPS = VPGND - VSGND
3. VBO = VBOOT - VOUT
4. LVG off. VCC = 9 V. Logic is operational if VBOOT > 5 V
5. Actual maximum FSW depends on power dissipation.
6. When RESET is released, functionality is guaranteed down to VPDR min.
4.3
Thermal data
Table 6. Thermal data
Symbol
Parameter
Value
Unit
Rth(JA)
Thermal resistance junction to ambient (1)
22.4
°C/W
1. JEDEC 2s2p PCB in still air.
STSPIN32G0601
Electrical data
DS14489 - Rev 1
page 9/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com