Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32G0601 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STSPIN32G0601
Description  600 V three-phase BLDC controller with embedded STM32 MCU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G0601 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STSPIN32G0601 Datasheet HTML 2Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 3Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 4Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 5Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 6Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 7Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 8Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 9Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Pin N.
Name
Type
MCU Driver
Function
39
HVG1 (1)
AO
Y
Phase 1 high-side driver output
40
BOOT1
P
Y
Phase 1 bootstrap supply voltage
44
NC
Not connected
45
OUT2
P
Y
Phase 2 high-side (floating) common voltage
46
HVG2 (1)
AO
Y
Phase 2 high-side driver output
47
BOOT2
P
Y
Phase 2 bootstrap supply voltage
51
OUT3
P
Y
Phase 3 high-side (floating) common voltage
52
HVG3 (1)
AO
Y
Phase 3 high-side driver output
53
BOOT3
P
Y
Phase 3 bootstrap supply voltage
58
SGND
P
Y
Driver signal ground
59
VCC
P
Y
Driver power supply
60
PA12
I/O - FT_f
Y
SPI1_MOSI/I2S1_SD, USART1_RTS_DE_CK, TIM1_ETR, I2S_CKIN,
I2C2_SDA
61
PA13
I/O - FT_ea
Y
SWDIO, IR_OUT, EVENTOUT, ADC_IN17
62
PA14/BOOT0 I/O - FT_a
Y
SWCLK, USART2_TX, EVENTOUT, ADC_IN18, BOOT0
63
PA15
I/O - FT
Y
SPI1_NSS/I2S1_WS, USART2_RX, TIM2_CH1_ETR, EVENTOUT
64
PD1
I/O - FT
Y
EVENTOUT, SPI2_SCK, TIM17_CH1
65
PD2
I/O - FT
Y
TIM3_ETR, TIM1_CH1N
66
PB3
I/O - FT
Y
SPI1_SCK/I2S1_CK, TIM1_CH2, TIM2_CH2, USART1_RTS_DE_CK,
EVENTOUT
67
PB4
I/O - FT
Y
SPI1_MISO/I2S1_MCK, TIM3_CH1, USART1_CTS, TIM17_BK,
EVENTOUT
68
PB5
I/O - FT
Y
SPI1_MOSI/I2S1_SD, TIM3_CH2, TIM16_BK, LPTIM1_IN1, I2C1_SMBA,
WKUP6
69
PB6
I/O - FT_f
Y
USART1_TX, TIM1_CH3, TIM16_CH1N, SPI2_MISO, LPTIM1_ETR,
I2C1_SCL, EVENTOUT
70
PB7
I/O - FT_f
Y
USART1 _RX, SPI2_MOSI, TIM17_CH1N, LPTIM1_IN2, I2C1_SDA,
EVENTOUT, PVD_IN
71
PB8
I/O - FT_f
Y
SPI2_SCK, TIM16_CH1, I2C1_SCL, EVENTOUT
72
PB9
I/O - FT_f
Y
IR_OUT, TIM17_CH1, SPI2_NSS, I2C1_SDA, EVENTOUT
-
EPAD
P
Y
Exposed pad, internally connected to SGND
1. The circuit guarantees less than 1 V on the LVG and HVG pins (at Isink = 10 mA), with VCC > 3 V. This allows omitting the
“bleeder” resistor connected between the gate and the source of the external MOSFETs normally used to hold the pin low.
When the EN is set low, gate driver outputs are forced low and assure low impedance.
STSPIN32G0601
Pin description and connection diagram
DS14489 - Rev 1
page 6/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com