Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32G0601 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STSPIN32G0601
Description  600 V three-phase BLDC controller with embedded STM32 MCU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G0601 Datasheet(HTML) 2 Page - STMicroelectronics

  STSPIN32G0601 Datasheet HTML 1Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 2Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 3Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 4Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 5Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 6Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 7Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 8Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
1
Description
The STSPIN32G0601 is a system-in-package providing an integrated solution suitable for driving three-phase
applications.
It embeds an MCU (STM32G031x8x3) featuring an Arm 32-bit Cortex®-M0+ CPU and a 600 V triple half-bridge
gate driver, able to drive N-channel power MOSFETs or IGBTs.
A comparator featuring an advanced smartSD function is integrated in the device, ensuring fast and effective
protection against overload and overcurrent.
The high-voltage bootstrap diodes are also integrated, as well as anti cross-conduction (interlocking), deadtime,
and UVLO protection on both the lower and upper driving sections, which prevents the power switches from
operating in low efficiency or dangerous conditions. Matched delays between low and high-side sections
guarantee no cycle distortion.
The integrated MCU is based on the high-performance 32-bit Arm Cortex®-M0+ core, operating at a frequency up
to 64 MHz and featuring a memory protection unit (MPU), which enhances the application’s security.
This microcontroller represents the perfect choice for advanced motor control applications thanks to the
comprehensive set of features such as the 12-bit ADC, an internal voltage reference buffer, one general-purpose
32-bit timer, one 16-bit PWM timer dedicated to motor control, four general-purpose 16-bit timers, two 16-bit low-
power timers, a 5-channel DMA that performs data transfers between memory-mapped peripherals and/or
memories to offload the CPU.
It also embeds high-speed memories (64 KB of flash memory, and 8 KB of SRAM) with several protection
mechanisms, up to 32 available GPIOs, main interfaces (I2C, SPI, and UART), a comprehensive set of power-
saving modes, and an analog independent supply input for ADC.
Such a feature-rich microcontroller allows running sensorless or sensored Field Oriented Control (FOC) with one,
two or three shunts or a more traditional six-step control mode.
The STSPIN32G0601 also features a full set of protections and an extended temperature range (-40 °C to +125
°C), guaranteeing stable operation even in the most demanding industrial applications. An SWD interface is
provided for microcontroller firmware programming and debugging.
STSPIN32G0601
Description
DS14489 - Rev 1
page 2/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com