Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32G0601 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STSPIN32G0601
Description  600 V three-phase BLDC controller with embedded STM32 MCU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G0601 Datasheet(HTML) 1 Page - STMicroelectronics

  STSPIN32G0601 Datasheet HTML 1Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 2Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 3Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 4Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 5Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 6Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 7Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 8Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Features
•
Three-phase gate drivers
–
High-voltage rail up to 600 V
–
dV/dt transient immunity ±50 V/ns
–
Gate driving voltage range from 9 V to 20 V
•
Driver current capability:
–
200/350 mA source/sink current @ 25 °C
•
32-bit ARM® Cortex®-M0+ MCU core:
–
Up to 64 MHz clock frequency
–
8-Kbyte SRAM with hardware parity check
–
64-Kbyte flash memory with protection and securable area
–
CRC calculation unit
•
Up to 32 general-purpose I/O ports (GPIO)
•
1 advanced timer for motor control, 16-bit with up to 6 x PWM channels
•
5 general-purpose timers (1x 32-bit)
•
2 low-power timers
•
12-bit ADC converter (up to 15 channels) with 2 MSps conversion rate
•
5-channel DMA controller with flexible mapping
•
Internal high precision voltage reference
•
Full set of interfaces: 2x I2C, 2x SPI, 3x UART and 1x low-power UART
•
Matched propagation delay for all channels
•
Integrated bootstrap diodes
•
Comparator for fast overcurrent protection
•
UVLO, interlocking, and deadtime functions
•
Smart shutdown (smartSD) function
•
Standby mode for low power consumption
•
On-chip debug support via SWD
•
Extended temperature range: -40 to +125 °C
•
QFN 10x10 72L pitch 0.5 creepage 1.8 mm package
Applications
•
Three-phase motor drivers
•
Inverters
•
Industrial appliances and fans
QFN 10x10 72L pitch 0.5
Product status link
STSPIN32G0601
Product label
600 V three-phase BLDC controller with embedded STM32 MCU
STSPIN32G0601
Datasheet
DS14489 - Rev 1 - December 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STSPIN32G0601

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSPIN32G4 STMICROELECTRONICS-STSPIN32G4 Datasheet
1Mb / 48P
High performance 3-phase motor controller with embedded STM32G4 MCU
Rev 1 - March 2021
STSPIN32G4 STMICROELECTRONICS-STSPIN32G4 Datasheet
2Mb / 18P
STSPIN32G4 demonstration board for three-phase brushless motors
15-Mar-2021
STSPIN32G4TR STMICROELECTRONICS-STSPIN32G4TR Datasheet
1Mb / 48P
High performance 3-phase motor controller with embedded STM32G4 MCU
Rev 1 - March 2021
More results

Similar Description - STSPIN32G0601

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
FCM8531 OMRON-FCM8531 Datasheet
985Kb / 20P
MCU Embedded and Configurable 3-Phase PMSM / BLDC Motor Controller
logo
Texas Instruments
DRV10963 TI-DRV10963 Datasheet
639Kb / 14P
5-V, THREE PHASE, SENSORLESS BLDC MOTOR DRIVER
logo
STMicroelectronics
STEVAL-SPIN3201 STMICROELECTRONICS-STEVAL-SPIN3201 Datasheet
235Kb / 3P
Advanced BLDC controller with embedded STM32 MCU evaluation board
27-Oct-2016
logo
Texas Instruments
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
12-V, Three-Phase, Sensorless BLDC Motor Driver
logo
STMicroelectronics
STSPIN32F0A STMICROELECTRONICS-STSPIN32F0A Datasheet
943Kb / 41P
Advanced BLDC controller with embedded STM32 MCU
September 2017 Rev 2.0
STSPIN32F0251 STMICROELECTRONICS-STSPIN32F0251 Datasheet
1Mb / 32P
Advanced 250 V three-phase BLDC controller with embedded STM32 MCU
Rev 4 - February 2021
STSPIN32F0601 STMICROELECTRONICS-STSPIN32F0601 Datasheet
1Mb / 32P
Advanced 600 V three-phase BLDC controller with embedded STM32 MCU
Rev 5 - February 2021
STEVAL-SPIN3202 STMICROELECTRONICS-STEVAL-SPIN3202 Datasheet
2Mb / 7P
STSPIN32F0A advanced 3-phase BLDC driver with embedded STM32 MCU single shunt evaluation board
Rev 3 - July 2021
STSPIN32G4 STMICROELECTRONICS-STSPIN32G4 Datasheet
1Mb / 48P
High performance 3-phase motor controller with embedded STM32G4 MCU
Rev 1 - March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com