Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32G0601 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STSPIN32G0601
Description  600 V three-phase BLDC controller with embedded STM32 MCU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G0601 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STSPIN32G0601 Datasheet HTML 8Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 9Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 10Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 11Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 12Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 13Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 14Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 15Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VFLOAT_OD
OD floating voltage
level
OD connected only to an external
capacitance
4.4
4.8
5.2
V
IOL_OD
OD low level sink
current
VOD = 400 mV
11
16
21
mA
RON_F
FAULT on-resistance
IFAULT = 8 mA
50
100
Ω
IOL_F
FAULT low level sink
current
VFAULT = 400 mV
4
8
12
mA
tOD
Comparator
propagation delay
Rpu = 100 kΩ to 5 V;
0 to 3.3 V voltage step on CIN
50% CIN to 90% OD
350
500
ns
tCIN-F
Comparator triggering
to FAULT
0 to 3.3 V voltage step on CIN;
50% CIN to 90% FAULT
350
500
ns
tCINoff
Comparator triggering
to high/low-side driver
propagation delay
0 to 3.3 V voltage step on CIN 50% CIN
to 90% LVG/HVG
360
510
ns
tFCIN
Comparator input filter
time
200
300
400
ns
SR
Slew rate
CL = 1 nF; Rpu = 1 kΩ to 5 V;
90% to 10% OD
4
7.7
10.3
V/µs
Driver dynamic characteristics
ton (3)
High/low-side driver
turn-on propagation
delay
OUT = 0 V
BOOT = VCC
CL = 1 nF
Vin = 0 to 3.3 V
see Figure 3
85
ns
toff (3)
High/low-side driver
turn-off propagation
delay
85
ns
tEN (3)
Enable to high/low-
side driver
propagation delay
345
ns
tr
Rise time
CL = 1 nF
120
ns
tf
Fall time
CL = 1 nF
50
ns
1. The current consumption depends on the firmware loaded in the microcontroller. See STM32G031x8x3
datasheet.www.st.com
2. VDD = 3.0 V for values in Typ. columns, all peripherals disabled, cache enabled, prefetch disabled for code. Prefetch and
cache enabled when fetching from Flash memory.
3. Values provided by characterization, not tested.
4. Data tested in production.
5. Data guaranteed by design - not tested in production.
6. This value represents the pad leakage of the I/O itself. The total product pad leakage is provided by this formula:
ITotal_Ileak_max = 10 μA + [number of I/Os where VIN is applied on the pad] x Ilkg(Max).
7. FT_e with diode enabled. Input leakage current of FT_e I/Os with the diode disabled is the same as standard I/Os.
8. The comparator is disabled when VCC is in UVLO condition.
STSPIN32G0601
Electrical characteristics
DS14489 - Rev 1
page 12/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com