Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32G0601 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STSPIN32G0601
Description  600 V three-phase BLDC controller with embedded STM32 MCU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G0601 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STSPIN32G0601 Datasheet HTML 4Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 5Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 6Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 7Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 8Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 9Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 10Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 11Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
4
Electrical data
4.1
Absolute maximum ratings
Each voltage referred to SGND unless otherwise specified.
Table 4. Absolute maximum ratings
Symbol
Parameter
Test condition
Min.
Max.
Unit
VCC
Power supply voltage
-0.3
21
V
VPGND
Low-side driver ground
VCC – 21
VCC + 0.3
V
VPS (1)
Low-side driver ground
-21
21
V
VOUT
Output voltage
VBOOT – 21
VBOOT + 0.3
V
VBOOT
Bootstrap voltage
-0.3
620
V
VHVG
High-side gate output voltage
VOUT – 0.3
VBOOT + 0.3
V
VLVG
Low-side gate output voltage
VPGND – 0.3
VCC + 0.3
V
VCIN
Comparator input voltage
-0.3
20
V
VOD
Open-drain voltage (OD, FAULT)
-0.3
21
V
dVOUT/dt
Common-mode transient
immunity
50
V/ns
VIN
MCU logic input voltage (2)
Input voltage on
FT_xx
-0.3
VDD + 4.0 (3)
V
Input voltage on
any other pin
-0.3
4
V
IIO
MCU I/O output current (2)
2
-25
15
mA
ΣIIO
MCU I/O total output current (2)
-80
80
mA
VDD, VDDA,
VBAT
MCU main supply voltages
-0.3
4
V
VREF+
-0.3
Min(VDD+0.4, 4.0)
V
TSTG
Storage temperature
-55
150
°C
TJ
Junction temperature
-40
150
°C
PTOT
Total power dissipation
4.5
W
ESD
Human Body Model
2
kV
1. VPS = VPGND - VSGND
2. For details refer to the Absolute maximum ratings section in the STM32G031x8x3 datasheet; all voltages are defined with
respect to VSS.
3. To sustain a voltage higher than 4 V, the internal pull-up/pull-down resistors must be disabled.
STSPIN32G0601
Electrical data
DS14489 - Rev 1
page 8/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com