Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32G0601 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STSPIN32G0601
Description  600 V three-phase BLDC controller with embedded STM32 MCU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G0601 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STSPIN32G0601 Datasheet HTML 22Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 23Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 24Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 25Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 26Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 27Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 28Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 29Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
List of figures
Figure 1.
STSPIN32G0601 SiP block diagram ..................................................... 3
Figure 2.
STSPIN32G0601 pin connection (top view) ................................................ 4
Figure 3.
Propagation delay timing definition ..................................................... 13
Figure 4.
Deadtime timing definitions .......................................................... 13
Figure 5.
Deadtime and interlocking waveforms definition ............................................ 14
Figure 6.
VCC power ON and UVLO, LVG timing .................................................. 16
Figure 7.
VCC power ON and UVLO, HVG timing .................................................. 16
Figure 8.
VBO power-ON and UVLO timing ...................................................... 17
Figure 9.
Smart shutdown timing waveforms ..................................................... 19
Figure 10.
Package mechanical data ........................................................... 23
Figure 11.
QFN 10x10 72L suggested land pattern .................................................. 24
STSPIN32G0601
List of figures
DS14489 - Rev 1
page 29/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com