Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32G0601 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STSPIN32G0601
Description  600 V three-phase BLDC controller with embedded STM32 MCU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G0601 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STSPIN32G0601 Datasheet HTML 17Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 18Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 19Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 20Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 21Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 22Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 23Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 24Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
VREF+ is the analog peripheral input reference voltage, or the output of the internal voltage reference buffer (when
enabled).
•
When VDDA < 2 V, VREF+ must be equal to VDDA.
•
When VDDA ≥ 2 V, VREF+ must be between 2 V and VDDA. It can be grounded when the analog peripherals
using VREF+ are not active.
The device has an integrated power-on/power-down (POR/PDR) reset active in all power modes except shutdown
and ensures proper operation upon power-on and power-down. It maintains the device in reset when the supply
voltage is below the VPOR/PDR threshold, without the need for an external reset circuit.
Brownout reset (BOR) function allows extra flexibility. It can be enabled and configured through option bytes, by
selecting one of four thresholds for rising VDD and the other four for falling VDD.
The device also features an embedded programmable voltage detector (PVD) that monitors the VDD power
supply and compares it to the VPVD threshold. It allows generating an interrupt when the VDD level crosses the
VPVD threshold, selectively while falling, while rising, or while falling and rising. The interrupt service routine can
then generate a warning message and/or put the MCU into a safe state. The PVD is enabled by software.
The MCU supports three low-power modes to achieve the best compromise between low power consumption,
short startup time and available wake-up sources:
•
Sleep mode
In sleep mode, only the CPU is stopped. All peripherals continue to operate and can wake up the CPU
when an interrupt/event occurs.
•
Low-power run mode
The low-power run mode is achieved with VCORE supplied by the low-power regulator to minimize the
regulator's operating current.
•
Stop mode
In stop mode the device achieves low power consumption while retaining the content of SRAM and
registers.
•
Standby mode
The standby mode is used to achieve a very low power consumption with POR/PDR always active in
this mode.
The device exits standby mode when an external reset (NRST pin), IWDG reset event, wake-up event
(WKUP pin, configurable rising or falling edge) or RTC event (alarm, periodic wake-up, timestamp,
tamper), or when a failure is detected on LSE (CSS on LSE).
•
Shutdown mode
The shutdown mode is used to achieve the lowest power consumption. The BOR is not available in
shutdown mode. No power voltage monitoring is possible in this mode. Therefore, switching to an RTC
domain is not supported.
The device exits shutdown mode upon external reset event (NRST pin), IWDG reset event, wake-up
event (WKUP pin, configurable rising or falling edge) or RTC event (alarm, periodic wake-up,
timestamp, tamper).
STSPIN32G0601
Device description
DS14489 - Rev 1
page 21/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com