Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32G0601 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STSPIN32G0601
Description  600 V three-phase BLDC controller with embedded STM32 MCU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G0601 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STSPIN32G0601 Datasheet HTML 6Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 7Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 8Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 9Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 10Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 11Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 12Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 13Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
5
Electrical characteristics
Table 7. Electrical characteristics
VCC = 15 V; VDD = 3.3 V; PGND = SGND; TJ = +25 °C, unless otherwise specified
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Power supply and standby mode
IQCCU
VCC undervoltage
quiescent supply
current
VCC = 7 V;
EN = 5 V; CIN = SGND
430
744
µA
IQCC
VCC quiescent supply
current
EN = 5 V;
CIN = SGND
LVG & HVG: OFF
950
1450
µA
VCCthON
VCC UVLO turn-on
threshold
8
8.5
9
V
VCCthOFF
VCC UVLO turn-off
threshold
7.5
8
8.5
V
VCChys
VCC UVLO threshold
hysteresis
0.4
0.5
0.6
V
IDD (1)
VDD current
consumption
(Supply current in run
mode, code executing
from flash memory; all
I/O pins are in analog
input mode, all
peripherals are
disabled)
Range 1; PLL enabled;
fHCLK = fPLLRCLK = 64 MHz (2)
5.2
mA
Range 2; PLL enabled;
fHCLK = fPLLRCLK = 16 MHz (2)
1.2
IDDA (1) (5)
VDDA current
consumption
ADC consumption
fS = 2.5 MSps
410
µA
VREFBUF consumption
Iload = 4 mA
35
VBOR1
Brownout reset
threshold 1
VDD rising edge
2.05
2.1
2.18
V
VDD falling edge
1.95
2.0
2.08
V
Vhyst_BORH1
VBOR1 hysteresis
voltage
100
mV
High-side floating section supply
IQBOU
VBO undervoltage
quiescent supply
current
VCC = VBO = 6.5 V;
EN = 5 V; CIN = SGND
25
62
µA
IQBO
VBO quiescent supply
current
VBO = 15 V
EN = 5 V; CIN = SGND
LVG OFF; HVG = ON
84
150
µA
VBOthON
VBO UVLO turn-on
threshold
7.5
8
8.5
V
VBOthOff
VBO UVLO turn-off
threshold
7
7.5
8
V
VBOhys
VBO UVLO threshold
hysteresis
0.4
0.5
0.6
V
ILK
High-voltage leakage
current
BOOT = HVG = OUT = 620 V
15
µA
RDboot
Bootstrap diode on-
resistance
TJ = 25 °C, LVG ON
215
240
Ω
STSPIN32G0601
Electrical characteristics
DS14489 - Rev 1
page 10/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com