Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32G0601 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STSPIN32G0601
Description  600 V three-phase BLDC controller with embedded STM32 MCU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G0601 Datasheet(HTML) 4 Page - STMicroelectronics

  STSPIN32G0601 Datasheet HTML 1Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 2Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 3Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 4Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 5Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 6Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 7Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 8Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
3
Pin description and connection diagram
Figure 2. STSPIN32G0601 pin connection (top view)
1
18
19
33
38
40
51
53
44
47
58
72
52
45
46
39
20 21 22 23 24 25 26 27 28 29 30 31 32
71 70 69 68 67 66 65 64 63 62 61 60 59
5
2
4
3
6
10
7
9
8
12
11
13
17
14
16
15
PC13
PC14
PC15
VBAT
VREF+
VDD/VDDA
VSS/VSSA
PF0
PF1
PF2/NRST
PA0
PA1
PA2
PA3
PA4
PA5
SGND
SGND
BOOT3
HVG3
OUT3
BOOT2
HVG2
OUT2
N.C.
BOOT1
HVG1
OUT1
EPAD
Table 1. Legend/abbreviations used in the pin description table
Name
Symbol
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin
function during and after reset is the same as the actual pin name
Pin type
AO
Gate driver analog output
P
Gate driver supply\GND pin
S
Supply pin
I
Input-only pin
I/O
Input / output pin
I/O structure
FT
5 V-tolerant I/O
RST
Bidirectional reset pin with embedded
weak pull-up resistor
FT_a
I/O, with analog switch function
FT_f
I/O, Fm+ capable
FT_e
I/O, with switchable diode to VDD
Notes
Unless otherwise specified, all I/Os are set as floating inputs during and
after reset
Pin functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
STSPIN32G0601
Pin description and connection diagram
DS14489 - Rev 1
page 4/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com