Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32G0601 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STSPIN32G0601
Description  600 V three-phase BLDC controller with embedded STM32 MCU
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G0601 Datasheet(HTML) 3 Page - STMicroelectronics

  STSPIN32G0601 Datasheet HTML 1Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 2Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 3Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 4Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 5Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 6Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 7Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 8Page - STMicroelectronics STSPIN32G0601 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
2
Block diagram
Figure 1. STSPIN32G0601 SiP block diagram
STM32G031
HVG1
OUT1
BOOT1
HVG2
OUT2
BOOT2
HVG3
OUT3
BOOT3
LVG3
LVG2
LVG1
PGND
SGND
VDD
VREF+
VBAT
UVLO
UVLO
DETECTION
VCC
VCC
LOGIC
SHOOT
THROUGH
PREVENTION
DEADTIME
+
VREF
CIN
VCC
VCC
VCC
+
-
OD
LlN1
LIN2
LIN3
UV&
Level Shifter
Floating structure
D3
UVLO
VCC
UV&
Level Shifter
Floating structure
D2
VCC
UV&
Level Shifter
Floating structure
D1
HIN2
HlN1
FAULT
+5V
IOD
EN
HIN3
+5V
+5V
+5V
+5V
+5V
SMART
SD
+5V
PC14
PC15
PF0
VSS
PF1
PF2/NRST
VDD
VREFP
VBAT
PF0
VSS
PF1
PF2/NRST
PC15
PC14
PB12
PB13
PB14
PB15
PA8
PA9
PA10
PA11
PA12
PA13
PA14
STSPIN32G0601
Block diagram
DS14489 - Rev 1
page 3/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com