Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73847SEHDEMO2Z Datasheet (PDF) - Renesas Technology Corp

ISL73847SEHDEMO2Z Datasheet PDF - Renesas Technology Corp
Part # ISL73847SEHDEMO2Z
Download  ISL73847SEHDEMO2Z Download
File Size   1636.47 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 12V Half-Bridge GaN FET Driver

ISL73847SEHDEMO2Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL73847SEHDEMO2Z Datasheet PDF - Renesas Technology Corp

Part # ISL73847SEHDEMO2Z
Download  ISL73847SEHDEMO2Z Click to download

File Size   1636.47 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 12V Half-Bridge GaN FET Driver

ISL73847SEHDEMO2Z Datasheet (HTML) - Renesas Technology Corp


ISL73847SEHDEMO2Z Product details

Features
▪ Qualified to Renesas Rad Hard QML-V Equivalent
Screening and QCI Flow (R34TB0001EU)
• All screening and QCI is in accordance with
MIL-PRF-38535L Class-V
▪ Up to 20V bootstrap voltage half-bridge driver
▪ Programmable 4.5V to 5.5V gate drive voltage
▪ Single tri-level PWM input control
▪ Separate source and sink driver outputs
▪ High-side peak drive: 2A Sourcing, 4A Sinking
▪ Low-side peak drive: 4A Sourcing, 8A Sinking
▪ High and low side programmable dead time control
▪ Highly matched fast propagation delay: 29ns
▪ Full military temperature operation TA = -55°C to
125°C ambient range
▪ TID Rad Hard Assurance (RHA) testing
• LDR (≤ 10mrad(Si)/s): 75krad(Si)
▪ SEE Characterization (see SEE report for details)
• No DSEE with VDD = 20V or PHS = 13.5V at
LET 86MeV·cm2/mg
• No DSEE with VDD = 20V or PHS = 16.5V at
LET 67MeV·cm2/mg
• SEFI <10μm2 at 86MeV·cm2/mg
• No Half-Bridge Shoot-Through SET at LET
86MeV·cm2/mg




Similar Part No. - ISL73847SEHDEMO2Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL73847SEH RENESAS-ISL73847SEH Datasheet
1Mb / 43P
Radiation Hardened Single/Dual Phase Current Mode PWM Controller
Feb 15, 2023
ISL73847SEH RENESAS-ISL73847SEH Datasheet
1Mb / 44P
Radiation Hardened Single/Dual Phase Current Mode PWM Controller
Jul 24, 2024
ISL73847SEHEV2Z RENESAS-ISL73847SEHEV2Z Datasheet
1Mb / 43P
Radiation Hardened Single/Dual Phase Current Mode PWM Controller
Feb 15, 2023
ISL73847SEHEV2Z RENESAS-ISL73847SEHEV2Z Datasheet
1Mb / 44P
Radiation Hardened Single/Dual Phase Current Mode PWM Controller
Jul 24, 2024
ISL73847SEHF RENESAS-ISL73847SEHF Datasheet
1Mb / 44P
Radiation Hardened Single/Dual Phase Current Mode PWM Controller
Jul 24, 2024
More results


Similar Description - ISL73847SEHDEMO2Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2100RH INTERSIL-HS-2100RH Datasheet
73Kb / 2P
Radiation Hardened High Frequency Half Bridge Driver
June 1999
HS-4080ARH INTERSIL-HS-4080ARH Datasheet
82Kb / 4P
Radiation Hardened Full Bridge N-Channel FET Driver
IS-1715ARH INTERSIL-IS-1715ARH Datasheet
30Kb / 2P
Radiation Hardened Complementary Switch FET Driver
August 2000
IS-2100ARH INTERSIL-IS-2100ARH Datasheet
61Kb / 2P
Radiation Hardened High Frequency Half Bridge Driver
April 2003
IS-2100AEH INTERSIL-IS-2100AEH Datasheet
114Kb / 2P
Radiation Hardened High Frequency Half Bridge Drivers
August 28, 2012
logo
Renesas Technology Corp
ISL70040SEH RENESAS-ISL70040SEH Datasheet
1Mb / 20P
Radiation Hardened Low-Side GaN FET Driver
Jul 30, 2021
ISL71040M RENESAS-ISL71040M Datasheet
768Kb / 24P
Radiation Tolerant Low-Side GaN FET Driver
Dec 15, 2022
ISL73033SLHM RENESAS-ISL73033SLHM Datasheet
477Kb / 15P
Radiation Hardened Driver-GaN Power Stage with 100V GaN FET
Jul 30, 2021
logo
Texas Instruments
TPS7H6003-SP TI1-TPS7H6003-SP Datasheet
1Mb / 37P
TPS7H6003-SP Radiation-Hardness-Assured 200-V, 1.3-A, 2.5-A, Half Bridge GaN FET Gate Driver
JULY 2023
TPS7H6003-SP TI1-TPS7H6003-SP_V01 Datasheet
2Mb / 47P
TPS7H60x3-SP Radiation-Hardness-Assured 1.3-A, 2.5-A, Half Bridge GaN FET Gate Drivers
NOVEMBER 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com