Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73847SEHDEMO2Z Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL73847SEHDEMO2Z
Description  Radiation Hardened 12V Half-Bridge GaN FET Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73847SEHDEMO2Z Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL73847SEHDEMO2Z Datasheet HTML 2Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 3Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 4Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 9Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
R34DS0017EU0104 Rev.1.04
Page 6
Jan 31, 2025
ISL73041SEH Datasheet
3.
Specifications
3.1
Absolute Maximum Ratings
Caution: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such
conditions can adversely impact product reliability and result in failures not covered by warranty.
3.2
Thermal Information
Parameter
Minimum
Maximum
Unit
PVCC to PGND; BOOT to PHS
-0.3
+6.5
V
VDD to SGND
-0.3
+20
V
SGND to PGND
-0.3
+0.3
V
PHS to PGND
-0.3V DC
+20
V
PHS to PGND[1]
1. Tested in a heavy ion environment at LET = 67MeV•cm2/mg at 125°C.
-
+16.5
V
PHS to PGND[2]
2. Tested in a heavy ion environment at LET = 86MeV•cm2/mg at 125°C.
-
+13.5
V
PHS to PGND (repetitive transient)
-5V (100ns)
-
V
BOOT to PGND
-0.3
+24
V
BOOT to PGND[1]
-
+21.5
V
BOOT to PGND[2]
-
+18.5
V
EN to SGND
-0.3
VDD+0.3
V
AVCC, FB, PWM, FLT, RDU, RDL to SGND
-0.3
+6.5
V
UGH, UGL
PHS-0.3
BOOT+0.3
V
LGH, LGL
GND-0.3
PVCC+0.3
V
Human Body Model (Tested per MIL-STD-883 TM3015.7)
-
5
kV
Charged Device Model (Tested per JS-002-2018)
-
1
kV
Latch-Up (Tested per JESD78E; Class 2, Level A)
-
±100
mA
Parameter
Package
Symbol
Conditions
Typical
Value
Unit
Thermal Resistance
16 Pad CLCC Package
θJA[1]
1. θJA is measured in free air with the component mounted on a high-effective thermal conductivity test board with direct attach features.
See TB379.
Junction to air.
37
°C/W
θJC[2]
2. For θJC, the case temp location is the center of the package underside.
Junction to case.
6.5
°C/W
Parameter
Minimum
Maximum
Unit
Maximum Junction Temperature
-
+150
°C
Storage Temperature Range
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com