Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73847SEHDEMO2Z Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # ISL73847SEHDEMO2Z
Description  Radiation Hardened 12V Half-Bridge GaN FET Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73847SEHDEMO2Z Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button ISL73847SEHDEMO2Z Datasheet HTML 32Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 33Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 34Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 35Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 36Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 37Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 38Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 39Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 40Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
R34DS0017EU0104 Rev.1.04
Page 36
Jan 31, 2025
ISL73041SEH Datasheet
LGL
11 (b)
2529.14
688.13
110
110
1.25
LGH
12 (a)
2529.14
943.20
110
110
1.25
LGH
12 (b)
2529.14
1193.42
110
110
1.25
PHS
13 (a)
2529.14
1448.71
110
110
1.25
PHS
13 (b)
2529.14
1698.42
110
110
1.25
UGL
14 (a)
2523.5
1954.00
110
110
1.25
UGL
14 (b)
2523.5
2204.00
110
110
1.25
UGH
15 (a)
2204.00
2529.14
110
110
1.25
UGH
15 (b)
1954.00
2529.14
110
110
1.25
BOOT
16 (a)
1504.48
2529.14
110
110
1.25
BOOT
16 (b)
1254.48
2529.14
110
110
1.25
SGND
PAD
169.99
175.36
110
110
1.25
1. Origin of coordinate is the bottom left hand corner of die.
2. Pads 9 through 16 have double bond pads denoted as (a) and (b). Pad number designation intentionally assigned to match package pin
number.
Table 3. Layout X-Y Coordinates (Centroid of Bond Pad)[1] (Cont.)
Pad Name
Pad
Number[2]
X Coordinate
(µm)
Y
Coordinate
(µm)
Pad X
Dimension
(µm)
Pad Y
Dimension
(µm)
Bond Wire Diameter
(0.001”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com