Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73847SEHDEMO2Z Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ISL73847SEHDEMO2Z
Description  Radiation Hardened 12V Half-Bridge GaN FET Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73847SEHDEMO2Z Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ISL73847SEHDEMO2Z Datasheet HTML 11Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 12Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 13Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 14Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 15Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 16Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 17Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 18Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
R34DS0017EU0104 Rev.1.04
Page 15
Jan 31, 2025
ISL73041SEH Datasheet
PVCC Rising Above
UVLO to FLT Rising
Delay
tPVCCR
FB = PVCC
-
-
0.6
-
µs
PVCC Rising Above
UVLO to UG Rising
Delay
FB = PVCC; PWM = 5V
-
-
1.0
-
µs
PVCC Rising Above
UVLO to LG Rising Delay
FB = PVCC; PWM = 0V
-
-
1.0
-
µs
BOOT Falling Below
UVLO to UG Falling
Delay
tBOOTF
FB = PVCC; PWM = 5V
BOOT-PHS falling 4.5V to 3.5V
--
1.5
-
µs
BOOT Rising Above
UVLO to UG Rising
Delay
tBOOTR
FB = PVCC; PWM = 5V;
BOOT-PHS rising 3.5V to 4.5V
--
1.8
-
µs
1. Parameters with MIN and/or MAX limits are 100% tested at -55°C, +25°C, +125°C and at +25°C post radiation.
2. Typical values are not guaranteed.
Table 1. Burn-In and Operating Life Test Delta Parameters
Parameter
Symbol
Conditions
Delta Limits
Unit
Min
Max
VDD Shutdown Current
IDD_SHDN
EN = 0V
-0.12
0.12
mA
VDD Quiescent Current
IDDQ_1k
RDU = RDL = 1kΩ
-1
1
mA
IDDQ_10k
RDU = RDL = 10kΩ
-0.5
0.5
BOOT Quiescent Current
IBOOTQ
EN = VDD; PWM = Float;
BOOT-PHS = 4.5V
-50
50
µA
PVCC Reference Voltage
VFB
--6
6
mV
PVCC Output Voltage
PVCC2
VDD = 4.85V; FB = PVCC
-25
25
mV
PVCC4
VDD = 13.2V; FB = PVCC
-25
25
mV
PVCC Current Limit
PVCC_ILIMIT
VDD = 4.75V; FB = PVCC
-16
16
mA
PWM High-Level Threshold
VPWMH
VDD = 4.75V; FB = PVCC
-0.28
0.28
V
PWM Mid-Level Upper Threshold
VPWMMH
VDD = 4.75V; FB = PVCC
-0.24
0.24
V
PWM Mid-Level Lower Threshold
VPWMML
VDD = 4.75V; FB = PVCC
-0.145
0.145
V
PWM Low-Level Threshold
VPMWL
VDD = 4.75V; FB = PVCC
-0.095
0.095
V
UG Output High Level
VOH_UG
Source 100mA; Drop below BOOT
-13
13
mV
UG Output Low Level
VOL_UG
Sink 100mA; Rise above PHS
-9
9
mV
LG Output High Level
VOH_LG
Source 100mA; Drop below PVCC
-8
8
mV
LG Output Low Level
VOL_LG
Sink 100mA; Rise above PGND
-5
5
mV
Unless otherwise specified: VDD = 13.2V; EN = VDD; PVCC = 5.5V; CPVCC = 2.2µF; CAVCC = 2.2µF; CBOOT = 100nF to PHS;
PHS = PGND = 0V, TA=25°C. UG is defined as UGH = UGL. LG is defined as LGH = LGL. Boldface specifications apply across
the operating temperature range from TA= -55°C to +125°C and across a total ionizing dose of 75krad(Si) at +25°C with
exposure at a low dose rate of <10mrad(Si)/s.
Parameter
Symbol
Test Conditions
Temp.
Min[1]
Typ[2]
Max[1]
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com