Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73847SEHDEMO2Z Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL73847SEHDEMO2Z
Description  Radiation Hardened 12V Half-Bridge GaN FET Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73847SEHDEMO2Z Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL73847SEHDEMO2Z Datasheet HTML 1Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 2Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 3Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 4Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
R34DS0017EU0104 Rev.1.04
Page 4
Jan 31, 2025
ISL73041SEH Datasheet
2.
Pin Information
2.1
Pin Assignments
2.2
Pin Descriptions
Figure 3. Pin Assignments - Top View
Note: The package lid is branded with a triangular mark that is placed near Pin #1. The Pin #1 bottom pad is approximately twice as
long as Pin #2 through #16. The lid seal ring flashing is extended around the castellation of Pin #1 for a visual indicator.
Pin
Number
Pin Name
ESD
Circuit
Description
1EN
2
Enable input pin. When EN is low, driver outputs are in a high-impedance state and do not
respond to PWM inputs. The PVCC LDO is shut down, and the FLT pin is internally pulled
low. When EN is high, the PVCC LDO is enabled, and the driver outputs respond to PWM
inputs. EN pin is VDD voltage compliant.
2PWM
1
Tri-Level PWM input pin. Logic high turns on the high-side gate driver. Logic low turns on the
low-side gate driver. Mid-Level turns off both gate drivers. Internal pull-up and pull-down
resistors bias pin to mid-level when not externally driven.
3FLT
1
I/O pin. As an open-drain output, FLT is an active low indicator for when EN = 0, VDD UVLO,
AVCC UVLO, PVCC UVLO, or in an over-temperature fault. As a high-impedance input, FLT
disables the driver outputs when driven low. Place a pull-up resistor on the FLT pin to AVCC.
Place a 10pF capacitor from FLT to GND for SET mitigation.
4RDU
1
Dead time delay control for the high-side turn-on. A 1.3kΩ-10kΩ resistor to SGND sets the
rising edge delay of Upper Gate High (UGH) to the falling edge of Lower Gate Low (LGL) in
the range of 6.5ns to 50ns.
5RDL
1
Dead time delay control for low-side turn-on. A 1.3kΩ-10kΩ resistor to SGND sets the rising
edge delay of Lower Gate High (LGH) to the falling edge of Upper Gate Low (UGL) in the
range of 6.5ns-50ns.
3
4
5
6
14
13
12
11
RDU
RDL
AVCC
LGL
LGH
PHS
UGL
FLT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com