Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73847SEHDEMO2Z Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # ISL73847SEHDEMO2Z
Description  Radiation Hardened 12V Half-Bridge GaN FET Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73847SEHDEMO2Z Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button ISL73847SEHDEMO2Z Datasheet HTML 21Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 22Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 23Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 24Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 25Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 26Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 27Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 28Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
R34DS0017EU0104 Rev.1.04
Page 25
Jan 31, 2025
ISL73041SEH Datasheet
5.6
Integrated BOOT Switch
The ISL73041SEH integrates a boot switch connected between PVCC and BOOT to charge the bootstrap
capacitor. A low rON switch minimizes voltage drop compared to a bootstrap diode while quickly recharging the
bootstrap capacitor, which is critical for maintaining the proper Vgs gate drive voltage for the high-side GaN FET.
The BOOT switch only turns on when the low-side driver is on, and the phase node voltage is between -250mV
and +250mV. The ISL73041SEH internally detects the voltage on the PHS pin (connected to the phase node).
The purpose of monitoring the PHS pin voltage and requiring the low-side driver to turn on the boot switch is to
prevent over-charging the bootstrap capacitor. See Application Information for more information about boot
overcharge protection.
6.
Application Information
6.1
Power Supply Biasing
ISL73041SEH is biased from the VDD pin and integrates two internal LDOs powered from VDD. The VDD pin bias
range is from 4.75V to 18V. A VDD UVLO prevents operation below VDD = 4.75V. Place a 2.2µF or larger ceramic
decoupling capacitor near the VDD and SGND pins for input power supply decoupling.
6.2
AVCC LDO
The AVCC LDO is for internal chip biasing. AVCC is internally regulated to 5V nominal. AVCC LDO is enabled
when VDD is above the UVLO voltage. The AVCC LDO has an internal overcurrent limiting function. When AVCC
LDO crosses the overcurrent limit, the AVCC LDO operates in constant current limit regulation. The current
capability on AVCC is 20mA, which includes the current internally consumed by the AVCC pin. When AVCC is
below the AVCC UVLO threshold, the FLT pin is pulled low to indicate a driver fault condition. Renesas does not
recommend using the AVCC LDO for other external biasing; the total current consumption can trigger the constant
current limit.
It is necessary to place a 1.0µF or larger decoupling capacitor near the AVCC and SGND pins for stability.
6.3
PVCC LDO
The PVCC LDO is for the low-side gate drive voltage and the high-side bootstrap circuit. PVCC voltage is
externally programmable with a resistor divider to the FB pin. The programmable range is from 4.5V to 5.5V.
Optionally, FB can be connected directly to PVCC to set PVCC to 4.5V nominal. The PVCC LDO is enabled by EN
pin. The PVCC LDO has an internal overcurrent limiting function. When PVCC LDO crosses the overcurrent limit,
the PVCC LDO operates in constant current limit regulation. When PVCC is below the UVLO threshold, the FLT
pin is pulled low to indicate a driver fault condition. The current capability on PVCC is 150mA, which includes the
current internally consumed by the PVCC pin. Renesas does not recommend using the PVCC LDO for other
external biasing; the total current consumption can trigger the constant current limit.
It is necessary to place a 1.0µF or larger decoupling capacitor near the PVCC and PGND pins for stability.
Renesas recommends using a capacitance on PVCC that is 10x larger than the bootstrap capacitor across BOOT-
PHS pins.
6.4
Setting PVCC (Gate Drive) Voltage
The voltage on the PVCC LDO to set the gate drive voltage is determined by two resistors connected between
PVCC, FB, and SGND. Equation 1 sets the voltage where RF is connected from PVCC to FB and RG is connected
between FB and SGND.
Optionally, short FB to PVCC to set PVCC = 4.5V.
(EQ. 1)
PVCC
RF
RG
-------- 1
+



1.2V
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com