Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73847SEHDEMO2Z Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ISL73847SEHDEMO2Z
Description  Radiation Hardened 12V Half-Bridge GaN FET Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73847SEHDEMO2Z Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ISL73847SEHDEMO2Z Datasheet HTML 20Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 21Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 22Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 23Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 24Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 25Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 26Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 27Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
R34DS0017EU0104 Rev.1.04
Page 24
Jan 31, 2025
ISL73041SEH Datasheet
5.
Functional Description
5.1
Half-Bridge Driver
The ISL73041SEH is a high-frequency 12V Half-bridge driver for enhancement mode N-type GaN FETs or logic
level NMOS FETs. High peak drive current and fast propagation delay time with tight matching allow driving low
rDS(ON) FETs in high-frequency DC/DC and motor control applications. With an integrated programmable gate
drive voltage, high-side level shifter, and bootstrap switch, only a few external components are needed to drive
N-type GaN or MOS FETs in a half-bridge configuration.
5.2
GaN/MOS FET Gate Drive Supply
A programmable gate drive supply from 4.5V to 5.5V allows users to optimize the gate voltage for different GaN
FETs and logic-level MOSFETs. Renesas GaN FETs recommend a nominal 4.5V gate drive voltage. Other GaN
FET vendors can tolerate up to 5.5V. The programmable function allows users to optimize gate drive voltage for
low rDS(ON) and GaN FET reliability.
5.3
PWM Input
The PWM pin features a tri-level input for controlling the driver outputs.
▪ PWM = Low for low-side FET on
▪ PWM = High for the high-side FET on
▪ When PWM is at mid-level, both drivers are off.
A PWM input half-bridge driver inherently prevents one type of bridge shoot-through by not allowing the input logic
to command both the high-side and low-side drivers simultaneously. The tri-level input allows the half-bridge to be
in a high-impedance state during soft-start or hiccup of a PWM controller or for phase dropping in multi-phase
regulators. The ISL73041SEH GaN FET Driver is designed to interface with the ISL73847SEH 2-phase PWM
Controller.
5.4
Dead Time Control
Because a PWM input driver controls both drivers in a complimentary on/off state, dead time control is needed to
prevent shoot-through at the half-bridge FET gates. The ISL73041SEH integrates independent high-side and low-
side dead time control on the RDU and RDL pins for delaying the rising edge gate turn-on from the falling edge of
gate turn-off. The rising edge dead time delay is programmable from 6.5ns to 50ns with a single resistor on RDU
and RDL to ground.
5.5
Driver Output Architecture
The ISL73041SEH half-bridge driver incorporates a 2-stage output for high peak drive currents while minimizing
quiescent current. The driver turn-on circuit includes a P-channel transistor and a transient N-channel transistor.
When the driver output is low, the N-channel has maximum drive capability to assist in the rise time of the turn-on.
As the output reaches near the high level, the N-channel no longer provides drive strength and is only held on by
the P-channel. Conversely, the driver turn-off circuit includes an N-channel transistor and a transient P-channel
transistor. When the driver output is high, the P-channel has maximum drive capability to assist in the fall time of
the turn-off. As the output reaches near the low level, the P-channel no longer provides drive strength and is only
held on by the N-channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com