Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73847SEHDEMO2Z Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ISL73847SEHDEMO2Z
Description  Radiation Hardened 12V Half-Bridge GaN FET Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73847SEHDEMO2Z Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ISL73847SEHDEMO2Z Datasheet HTML 13Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 14Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 15Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 16Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 17Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 18Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 19Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 20Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
R34DS0017EU0104 Rev.1.04
Page 17
Jan 31, 2025
ISL73041SEH Datasheet
4.
Typical Performance Curves
Figure 10. EN Propagation Delay
Figure 11. FTLb Propagation Delay (External Driven)
Unless otherwise specified, typical performance curves are at VDD=12V, PHS=0V; PVCC=4.5V and TA = +25°C.
Figure 12. Prop Delay & Dead Time Delay with
RDU = RDL = GND or 1.3kΩ
Figure 13. Prop Delay & Dead Time Delay with
RDU = RDL = 10kΩ
Figure 14. Programmable Dead Time Range 1.3kΩ to
10kΩ
Figure 15. Programmable Dead Time Range 10kΩ to
100kΩ
EN
EN VIL
EN VIH
For PWM = 0V, LG goes high
For PWM = 5V, UG goes high
tENH
tENL
For PWM = 0V,
LG ignores PWM and goes low
For PWM = 5V,
UG ignores PWM and goes low
PVCC = FB = 4.5V
PWM = 0V for LG
PWM = 5V for UG
FLT VIL
FLT VIH
For PWM = 0V, LG goes high
For PWM = 5V, UG goes high
t_FLTbR
t_FLTbF
FLT
UG and LG
For PWM = 0V,
LG ignores PWM and goes low
For PWM = 5V,
UG ignores PWM and goes low
PWM to UG Propagation Delay: 28.4ns
PWM to LG Propagation Delay: 28.6ns
UG to LG Dead Time: 5.8ns
LG to UG Dead Time: 6.1ns
PWM to UG Propagation Delay: 28.4ns
PWM to LG Propagation Delay: 29.4ns
UG to LG Dead Time: 48.6ns
LG to UG Dead Time: 49.5ns
0
10
20
30
40
50
60
123456789
10
RDU = RDL Resistance (kΩ)
LG to UG Dead Time (ns)
UG to LG Dead Time (ns)
0
50
100
150
200
250
300
350
400
450
500
550
600
10
20
30
40
50
60
70
80
90
100
RDU = RDL Resistance (kΩ)
LG to UG Dead Time (ns)
UG to LG Dead Time (ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com