Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73847SEHDEMO2Z Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # ISL73847SEHDEMO2Z
Description  Radiation Hardened 12V Half-Bridge GaN FET Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73847SEHDEMO2Z Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button ISL73847SEHDEMO2Z Datasheet HTML 30Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 31Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 32Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 33Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 34Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 35Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 36Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 37Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
R34DS0017EU0104 Rev.1.04
Page 34
Jan 31, 2025
ISL73041SEH Datasheet
8.
Die and Assembly Characteristics
Table 2. Die and Assembly Related Information
Die Information
Dimensions
2794µm x 2794µm (110 mils x 110 mils)
Thickness: 305µm ±25µm (12 mils ±1 mil)
Interface Materials
Glassivation
Type: Silicon dioxide and silicon nitride
Thickness: 18.5kA ±10% dioxide; 6kA ±10% nitride
Top Metalization
Type: Al 99.5%, Cu 0.5%
Thickness: 2.85µm ±0.15µm
Backside Finish
Silicon
Process
0.25µm BiCMOS
Assembly Information
Substrate and Package Lid Potential
Internal connection to the four EPAD (SGND)
Additional Information
Transistor Count
5737
Weight of Packaged Device
0.36g
Lid Characteristics
Finish: Gold
Lid Potential: Connected to SGND pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com