Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73847SEHDEMO2Z Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # ISL73847SEHDEMO2Z
Description  Radiation Hardened 12V Half-Bridge GaN FET Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73847SEHDEMO2Z Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button ISL73847SEHDEMO2Z Datasheet HTML 26Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 27Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 28Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 29Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 30Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 31Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 32Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 33Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
R34DS0017EU0104 Rev.1.04
Page 30
Jan 31, 2025
ISL73041SEH Datasheet
For SEE mitigation, Renesas recommends using a 10pF or larger capacitor on the FLT pin to SGND. This
capacitor prevents false toggling of the FLT pin due to SEE transients.
6.13 FLT pin Usage with ISL73847SEH and other ISL73041SEH drivers
The ISL73041SEH FLT pin works with the ISL73847SEH PWM controller as a system-ready status to initiate soft-
start (not in fault) or shutdown (fault encountered) in operation. The ISL73847SEH is a 2-phase controller, so both
the FLT pin on the ISL73041SEH and the FLT pin on the ISL73847SEH are tied with a single pull-up resistor to
either the AVCC on ISL73041SEH or VCC on ISL73847SEH.
6.14 FLT as Pseudo Enable Pin
The EN pin enables the bandgap before powering up the PVCC LDO and finally enabling the driver outputs. The
propagation delay time from the EN rising edge to the driver output's enable is 95µs typical. Alternatively, for faster
enable time in applications not using the ISL73847SEH PWM controller, an open-drain NMOS FET can be
connected to the FLT pin to operate as a faster enable/disable pin. When the gate voltage is logic high, the FLT
pin is low, and the driver is disabled. When the gate voltage is logic low, the pull-up resistor on the FLT pin pulls
the FLT high. The FLT high or low to the driver output's response propagation delay is 100ns typical. When using
the FLT pin as the driver enable pin, connect EN to VDD.
6.15 Over-Temperature Protection
The ISL73041SEH integrates an Over-Temperature Protection (OTP) circuit. When the junction temperature
reaches 160°C typical, the OTP threshold is triggered. In an over-temperature fault condition, the driver stops
responding to PWM inputs while the UGL and LGL sink outputs are active to disable the half-bridge. The FLT pin
pulls low to indicate a fault. The PVCC LDO remains enabled during an over-temperature fault condition. When
the junction temperature falls below 145°C typical, the OTP condition clears. The driver automatically resumes
normal operation, and the FLT pin is released.
6.16 VDD Supply Current
The VDD supply current of ISL73041SEH divides between static bias current and dynamic operating current. The
static bias current includes the current needed to bias the dead time delay circuit. The dynamic operating current
consists of the operating frequency on PWM, the duty cycle, and the capacitive load of the GaN FET.
The static bias current is approximately:
where VREF = 1.2V; RDU and RDL are the resistors (in kΩ) used for the dead-time delay.
The dynamic operating current is approximately:
The dynamic I_VDD current vs fSW is found in Figure 47.
The dynamic current from the capacitor load is I = C × V × F, where C is the equivalent capacitive load of the GaN
FET gate-source capacitance, V is the operating PVCC voltage, and F is the switching frequency (fSW). Determine
C by QGS/V, where QGS is the total gate charge specified in the GaN FET datasheet. Remember to sum up the
low and high sides of GaN FET QGS.
(EQ. 5)
(EQ. 6)
I_VDD (static)
4.5mA 3
VREF
RDU
-----------------


3
VREF
RDL
-----------------


++
=
I_VDD (dynamic)
I_VDD fSW
 I_VDD (capacitor load) I_VDD (duty cycle)
++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com