Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73847SEHDEMO2Z Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL73847SEHDEMO2Z
Description  Radiation Hardened 12V Half-Bridge GaN FET Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73847SEHDEMO2Z Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL73847SEHDEMO2Z Datasheet HTML 3Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 4Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 9Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 10Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
R34DS0017EU0104 Rev.1.04
Page 7
Jan 31, 2025
ISL73041SEH Datasheet
3.3
Recommended Operating Conditions
3.4
Electrical Specifications
3.4.1
DC Electrical Specifications
Parameter
Minimum
Maximum
Unit
Ambient Temperature
-55
+125
°C
VDD Voltage
+4.75
+13.2
V
PVCC
+4.5
+5.5
V
PHS
0
+13.2
V
Unless otherwise specified: VDD = 13.2V; EN = VDD; PVCC = 5.5V; CPVCC = 2.2µF; CAVCC =2.2µF; CBOOT = 100nF to PHS;
PHS = PGND = 0V; TA= 25°C. UG is defined as UGH = UGL. LG is defined as LGH = LGL. Boldface specifications apply across
the operating temperature range from -55°C to +125°C and across a total ionizing dose of 75krad(Si) at +25°C with exposure
at a low dose rate of <10mrad(Si)/s.
Parameter
Symbol
Test Conditions
Temp.
Min[1]
Typ.[2]
Max[1]
Unit
VDD Power Supply
Shutdown Supply Current
IDDSHDN
EN = 0V
-55 to
+125°C
-850
1200
µA
Quiescent Supply Current
IDDQ
PWM = Float; RDU = RDL = 1.3kΩ
-55 to
+125°C
-9
-
mA
PWM = Float; RDU = RDL = 10kΩ
--
6
Unloaded Operating
Current
IDDO1
UG and LG unloaded;
PWM = 500kHz at 50% 0V to 5V
-55 to
+125°C
-21
32
mA
Loaded Operating Current
IDDO2
5nF load on UG; 10nF load on LG;
PWM = 500kHz at 50% 0V to 5V
-55 to
+125°C
-55
70
mA
Bootstrap Supply
BOOT Quiescent Current
IQ_Boot
PWM = Float; BOOT-PHS = 4.5V
-55 to
+125°C
-580
650
µA
PVCC and AVCC LDOs
PVCC Feedback Voltage
VFB
Internal reference voltage
-55°C
1.188
1.2
1.212
V
+25°C
1.188
1.2
1.212
+125°C
1.188
1.2
1.212
+25°C
(Post Rad)
1.188
1.2
1.212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com