Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73847SEHDEMO2Z Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL73847SEHDEMO2Z
Description  Radiation Hardened 12V Half-Bridge GaN FET Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73847SEHDEMO2Z Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL73847SEHDEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 9Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 10Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 11Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 12Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 13Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
R34DS0017EU0104 Rev.1.04
Page 10
Jan 31, 2025
ISL73041SEH Datasheet
Bootstrap FET Switch
Low Current Voltage
VSWL
100µA through switch
-55 to
+125°C
-1
1.6
mV
High Current Voltage
VSWH
100mA through switch
-
-
145
mV
BOOT Switch Resistance
RSW
100mA through switch
-
-
1.45
Ω
Positive Window Detect
Rising Threshold
-PWM = 0V
160
250
400
mV
Positive Window Detect
Falling Threshold
-PWM = 0V
140
220
380
mV
Negative Window Detect
Rising Threshold
-PWM = 0V
-380
-210
-140
mV
Negative Window Detect
Falling Threshold
-PWM = 0V
-400
-240
-160
mV
Positive Window Detect
Hysteresis
-PWM = 0V
10
25
60
mV
Negative Window Detect
Hysteresis
-PWM = 0V
10
20
60
mV
FLT Open Drain with Internal Detect
Input High Leakage
Current
ILEAK
FLT = AVCC; VDD = 13.2V
EN = VDD; No fault condition
-55 to
+125°C
-1
-
1
µA
FLT Output Low Drive
VOL
ISINK = 10mA; EN = 0V
-
0.18
0.4
V
Fault Detect Input High
Threshold
VIH
VDD = 13.2V; EN = VDD
2.0
2.4
2.8
V
Fault Detect Input Low
Threshold
VIL
VDD = 13.2V; EN = VDD
1.0
1.6
2.0
V
Upper Gate High Output (UGH)
UGH Peak Source Current
IUGHSRC
VDD = 4.75V; FB = PVCC;
BOOT-PHS = 4.5V;
PWM = 5V; 470nF load on UG-PHS
--
2
-
A
UGH Output High Voltage
VOHUGH
ISOURCE = 100mA; Voltage drop
below BOOT
-55 to
+125°C
-90
130
mV
Lower Gate High Output (LGH)
LGH Peak Source Current
ILGHSRC
VDD = 4.75V; FB = PVCC;
BOOT-PHS = 4.5V;
PWM = 0V; 1µF load on LG-PGND
--
4
-
A
LGH Output High Voltage
VOHLGH
ISOURCE = 100mA; Voltage drop
below PVCC
-55 to
+125°C
-56
90
mV
Upper Gate Low Output (UGL)
UGL Peak Sink Current
IUGLSNK
VDD = 4.75V; FB = PVCC;
BOOT-PHS = 4.5V;
PWM = 0V; 470nF load on UG-PHS
--
4
-
A
Unless otherwise specified: VDD = 13.2V; EN = VDD; PVCC = 5.5V; CPVCC = 2.2µF; CAVCC =2.2µF; CBOOT = 100nF to PHS;
PHS = PGND = 0V; TA= 25°C. UG is defined as UGH = UGL. LG is defined as LGH = LGL. Boldface specifications apply across
the operating temperature range from -55°C to +125°C and across a total ionizing dose of 75krad(Si) at +25°C with exposure
at a low dose rate of <10mrad(Si)/s. (Cont.)
Parameter
Symbol
Test Conditions
Temp.
Min[1]
Typ.[2]
Max[1]
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com