Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73847SEHDEMO2Z Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # ISL73847SEHDEMO2Z
Description  Radiation Hardened 12V Half-Bridge GaN FET Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73847SEHDEMO2Z Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button ISL73847SEHDEMO2Z Datasheet HTML 28Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 29Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 30Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 31Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 32Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 33Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 34Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 35Page - Renesas Technology Corp ISL73847SEHDEMO2Z Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
R34DS0017EU0104 Rev.1.04
Page 32
Jan 31, 2025
ISL73041SEH Datasheet
7.
PCB Layout
7.1
Layout Guidelines
It is crucial to consider and follow the general printed circuit board layout guidelines to maximize the performance
of the ISL73041SEH half-bridge driver and the power GaN FETs it is driving.
▪ Place low ESR X7R grade or better ceramic capacitors for high-frequency decoupling as close to the package
pins as possible. These include the capacitors between VDD-SGND, AVCC-SGND, PVCC-PGND, and BOOT-
PHS.
▪ Place the RDU and RDL dead-time control resistors close to their respective pins and connect them to SGND
through the PCB GND plane.
▪ Connect the four bottom EPAD of the package to the top layer GND plane of the PCB. To further improve
thermal performance, place at least four vias in the GND plane under the package EPAD to another internal
GND plane to dissipate heat.
▪ Place the ISL73041SEH close to the half-bridge power GaN FET to minimize trace inductance and high current
loop area between the driver output and the GaN FET gate.
▪ Connect the PGND pin and the low-side FET source commonly through the same PCB ground plane as the
SGND PAD. Alternatively, connect the PGND pin to the low-side FET source-sense terminal if it is available.
Arrange the components and route the trace to keep this PGND inductance low.
Figure 51. Connection for Dual Low-Side Driver
PWM
BOOT
UGH
UGL
PHS
LGH
LGL
PVCC
PGND
VDD
RDU
RDL
FB
EN
PVCC
FLTb
Level Shift &
Boot UVLO
PVCC
UVLO
Leading
Delay
Leading
Delay
Matching
Delay
PVCC
LDO
OTP
AVCC
LDO
AVCC
Low-Side
Logic
High-Side
Logic
SGND
Switch
Control
PWM
PHS
SGND
PGND
1kΩ
500Ω
EN
AVCC
UVLO
SGND
DR_EN
DR_EN
DR_EN
VDD
UVLO
AVCC UV
VDD UV
VDD UV
VDD UV
VDD UV
HI
LOW
Tri-Level
Comparator
SGND
AVCC
225kΩ
150kΩ
VREF
In Phase
with PWM
Inverterd
with PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com